Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2797B-AFSG3 Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # U2797B-AFSG3
Description  1000-MHz Quadrature Modulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2797B-AFSG3 Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button U2797B-AFSG3 Datasheet HTML 3Page - TEMIC Semiconductors U2797B-AFSG3 Datasheet HTML 4Page - TEMIC Semiconductors U2797B-AFSG3 Datasheet HTML 5Page - TEMIC Semiconductors U2797B-AFSG3 Datasheet HTML 6Page - TEMIC Semiconductors U2797B-AFSG3 Datasheet HTML 7Page - TEMIC Semiconductors U2797B-AFSG3 Datasheet HTML 8Page - TEMIC Semiconductors U2797B-AFSG3 Datasheet HTML 9Page - TEMIC Semiconductors U2797B-AFSG3 Datasheet HTML 10Page - TEMIC Semiconductors U2797B-AFSG3 Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TELEFUNKEN Semiconductors
U2797B
Rev. A1: 06.09.1995
7 (13)
Typical VSWR frequency response of the RF output
94 7849 e
Typical S11 frequency response of the LO input
94 7852 e


Similar Part No. - U2797B-AFSG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
List of Unclassifed Man...
U2790B ETC1-U2790B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
U2790B ATMEL-U2790B Datasheet
233Kb / 15P
   Supply Voltage 5 V (Typically)
U2790B-MFP ATMEL-U2790B-MFP Datasheet
233Kb / 15P
   Supply Voltage 5 V (Typically)
More results

Similar Description - U2797B-AFSG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com