Electronic Components Datasheet Search |
|
MC74HC126AN Datasheet(PDF) 3 Page - ON Semiconductor |
|
MC74HC126AN Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 8 page MC74HC125A, MC74HC126A http://onsemi.com 3 DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) Guaranteed Limit Unit v 125_C v 85_C – 55 to 25 _C VCC V Test Conditions Parameter Symbol Iin Maximum Input Leakage Current Vin = VCC or GND 6.0 ± 0.1 ± 1.0 ± 1.0 µA IOZ Maximum Three–State Leakage Current Output in High–Impedance State Vin = VIL or VIH Vout = VCC or GND 6.0 ± 0.5 ± 5.0 ± 10 µA ICC Maximum Quiescent Supply Current (per Package) Vin = VCC or GND Iout = 0 µA 6.0 4.0 40 160 µA NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book (DL129/D). AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns) Guaranteed Limit Symbol Parameter VCC V – 55 to 25 _C v 85_C v 125_C Unit tPLH, tPHL Maximum Propagation Delay, Input A to Output Y (Figures 1 and 3) 2.0 3.0 4.5 6.0 90 36 18 15 115 45 23 20 135 60 27 23 ns tPLZ, tPHZ Maximum Propagation Delay, Output Enable to Y (Figures 2 and 4) 2.0 3.0 4.5 6.0 120 45 24 20 150 60 30 26 180 80 36 31 ns tPZL, tPZH Maximum Propagation Delay, Output Enable to Y (Figures 2 and 4) 2.0 3.0 4.5 6.0 90 36 18 15 115 45 23 20 135 60 27 23 ns tTLH, tTHL Maximum Output Transition Time, Any Output (Figures 1 and 3) 2.0 3.0 4.5 6.0 60 22 12 10 75 28 15 13 90 34 18 15 ns Cin Maximum Input Capacitance — 10 10 10 pF Cout Maximum Three–State Output Capacitance (Output in High–Impedance State) — 15 15 15 pF NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book (DL129/D). Typical @ 25 °C, VCC = 5.0 V CPD Power Dissipation Capacitance (Per Buffer)* 30 pF * Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book (DL129/D). |
Similar Part No. - MC74HC126AN |
|
Similar Description - MC74HC126AN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |