Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2071 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2071
Description  150MHz Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2071 Datasheet(HTML) 1 Page - Intersil Corporation

  EL2071 Datasheet HTML 1Page - Intersil Corporation EL2071 Datasheet HTML 2Page - Intersil Corporation EL2071 Datasheet HTML 3Page - Intersil Corporation EL2071 Datasheet HTML 4Page - Intersil Corporation EL2071 Datasheet HTML 5Page - Intersil Corporation EL2071 Datasheet HTML 6Page - Intersil Corporation EL2071 Datasheet HTML 7Page - Intersil Corporation EL2071 Datasheet HTML 8Page - Intersil Corporation EL2071 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN7032
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2071, EL2171
150MHz Current Feedback Amplifier
The EL2071 and EL2171 are wide
bandwidth, fast settling monolithic
amplifiers built using an advanced
complementary bipolar process. The EL2071 has a
disable/enable feature which allows power down and analog
multiplexing. These amplifiers use current-mode feedback to
achieve more bandwidth at a given gain than conventional
operational amplifiers. Designed for closed-loop gains of ±7
to ±50, the EL2071 and EL2171 have a 150MHz - 3dB
bandwidth (AV = +20), and 2.5ns rise/fall time, while
consuming only 15mA of supply current. The EL2071
consumes only 1.5mA when disabled.
The wide 150MHz bandwidth and extremely linear phase
(0.2dB deviation from linear at 50MHz) allow superior signal
fidelity. These features make the EL2071 and EL2171
especially suited for many digital communication system
applications.
The EL2071's and EL2171's settling to 0.1% in 10ns and
ability to drive capacitive loads make them ideal in flash A/D
applications. D/A systems can also benefit from the EL2071
and EL2171, especially if linearity and drive levels are
important.
Elantec products and facilities comply with MIL-I-45208A,
and other applicable quality specifications. For information
on Elantec's processing, see Elantec document, QRA-1:
Elantec's Processing, Monolithic Integrated Circuits.
Pinout
Features
• 150MHz - 3dB bandwidth, AV = 20
• 10ns settling to 0.1%
•VS = ±5V @ 15mA
• 2.5ns rise/fall times (2V step)
• Overload/short-circuit protected
• ±7 to ±50 closed-loop gain range
• Low cost
• EL2171 is direct replacement for CLC401
• Disable capability on EL2071
Applications
• Line drivers
• DC-coupled log amplifiers
• High-speed modems, radios
• High-speed A/D conversion
• D/A I-V conversion
• Photodiode, CCD preamps
• IF processors
• High-speed communications
• Analog multiplexing (using disable—EL2071)
• Power down mode (using disable—EL2071)
EL2171
(8-PIN PDIP, SO)
TOP VIEW
Manufactured under U.S. Patent No. 4,893,091
EL2071
(8-PIN PDIP, SO)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE
PACKAGE
PKG. NO.
EL2171CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL2171CS
-40°C to +85°C
8-Pin SO
MDP0027
EL2071CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL2071CS
-40°C to +85°C
8-Pin SO
MDP0027
Data Sheet
December 1995, Rev. E
OBSO
LETE
PROD
UCT
NO R
ECOM
MEND
ED R
EPLA
CEME
NT
conta
ct ou
r Tec
hnica
l Sup
port C
enter
at
1-888
-INTE
RSIL
or ww
w.inte
rsil.c
om/ts
c


Similar Part No. - EL2071

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL207 EVERLIGHT-EL207 Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL207 EVERLIGHT-EL207 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL207(TA)-V EVERLIGHT-EL207(TA)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL207(TB)-V EVERLIGHT-EL207(TB)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
More results

Similar Description - EL2071

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Elantec Semiconductor
EL5192C ELANTEC-EL5192C Datasheet
372Kb / 17P
   600MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com