Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2171CN Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2171CN
Description  150MHz Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2171CN Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2171CN Datasheet HTML 3Page - Intersil Corporation EL2171CN Datasheet HTML 4Page - Intersil Corporation EL2171CN Datasheet HTML 5Page - Intersil Corporation EL2171CN Datasheet HTML 6Page - Intersil Corporation EL2171CN Datasheet HTML 7Page - Intersil Corporation EL2171CN Datasheet HTML 8Page - Intersil Corporation EL2171CN Datasheet HTML 9Page - Intersil Corporation EL2171CN Datasheet HTML 10Page - Intersil Corporation EL2171CN Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Capacitive Feedback
The EL2071/EL2171 rely on their feedback resistor for
proper compensation. A reduction of the impedance of the
feedback element results in less stability, eventually resulting
in oscillation. Therefore, circuit implementations which have
capacitive feedback should not be used because of the
capacitor's impedance reduction with frequency. Similarly,
oscillations can occur when using the technique of placing a
capacitor in parallel with the feedback resistor to
compensate for shunt capacitances from the inverting input
to ground.
Printed Circuit Layout
As with any high frequency device, good PCB layout is
necessary for optimum performance. Ground plane
construction is a requirement, as is good power-supply
bypassing close to the package. The inverting input is
sensitive to stray capacitance, therefore connections at the
inverting input should be minimal, close to the package, and
constructed with as little coupling to the ground plane as
possible.
Capacitance at the output node will reduce stability,
eventually resulting in peaking, and finally oscillation if the
capacitance is large enough. The design of the
EL2071/EL2171 allow a larger capacitive load than
comparable products, yet there are occasions when a series
resistor before the capacitance may be needed. Please refer
to the graphs to determine the proper resistor value needed.
Disable/Enable Operation for EL2071
The EL2071 has a disable/enable control input at pin 8. The
device is enabled and operates normally when pin 8 is left
open or returned to ground. When the voltage at pin 8 is
brought to within 0.4V of pin 7 (VS+), the EL2071 is disabled.
The output becomes a high impedance, the inverting input is
no longer driven to the positive input voltage, and the supply
current is reduced to less than 2.2.mA. There are internal
resistors which limit the current at pin 8 to a safe level
(~ ±500µA) if pin 8 is shorted to either supply.
Typically, analog and digital circuits should have separate
power supplies. This usually leads to slight differences
between the power supply voltages. The EL2071's disable
feature is dependent on the voltage at pins 8 and 7.
Therefore, to operate the disable feature of the EL2071
dependably over temperature, it is recommended that the
logic circuitry which drives pin 8 of the EL2071 operate from
the same +5V supply as the EL2071 to avoid voltage
differences between the digital and analog power supplies.
Since VDIS is temperature dependent, it is recommended
that 5V CMOS logic (with a VOH > 4.6V sourcing > 750µA
over temperature) be used to drive the disable pin of the
EL2071.
When disabled, (as well as in enabled mode), care must be
taken to prevent a differential voltage between the + and -
inputs greater than 5.0V. For example, in the figure below,
the EL2071 is connected in a gain of +7 configuration and is
disabled while the analog bus is driven externally to +5V.
Pin 2 is consequently at +0.71V, and if VIN is driven to -5V,
then 5.71V appears between pins 3 and 2. Internally, this
voltage appears across a forward biased VBE in series with
a reverse biased VBE and is past the threshold for zenering
the reverse biased VBE. In a typical application, a 50Ω or
75
Ω terminating resistor from pin 3 to ground will prevent
pin 3 from approaching -5V.
Using the EL2071 as a Multiplexer
An interesting use of the enable feature is to combine
several amplifiers in parallel with their outputs in common.
This combination then acts similar to a MUX in front of an
amplifier. A typical circuit is shown. The series resistance at
each output helps to further increase isolation between
amplifiers.
When the EL2071 is disabled, the DC output impedance is
>100k
Ω in parallel with 2pF capacitance.
To operate properly, the decoder that is used must have a
VOH > (VS+) - 0.4V with IOH = 750µA, and should be
connected to the same power supply as the EL2071.
EL2071, EL2171


Similar Part No. - EL2171CN

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL217 EVERLIGHT-EL217 Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL217 EVERLIGHT-EL217 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL217(TA)-V EVERLIGHT-EL217(TA)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL217(TB)-V EVERLIGHT-EL217(TB)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
logo
Intersil Corporation
EL2170 INTERSIL-EL2170 Datasheet
344Kb / 14P
   70MHz/1mA Current Mode Feedback Amplifiers
More results

Similar Description - EL2171CN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Elantec Semiconductor
EL5192C ELANTEC-EL5192C Datasheet
372Kb / 17P
   600MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com