Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2111CW Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2111CW
Description  Low Cost, Gain of 2, Video Op Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2111CW Datasheet(HTML) 4 Page - Intersil Corporation

  EL2111CW Datasheet HTML 1Page - Intersil Corporation EL2111CW Datasheet HTML 2Page - Intersil Corporation EL2111CW Datasheet HTML 3Page - Intersil Corporation EL2111CW Datasheet HTML 4Page - Intersil Corporation EL2111CW Datasheet HTML 5Page - Intersil Corporation EL2111CW Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Typical Performance Curves
Simplified Block Diagram
Applications Information
Product Description
The EL2111 operational amplifier is stable at a gain of 1. It is
built on Elantec’s proprietary complimentary bipolar process.
This topology allows it to be used in a variety of applications
where current mode amplifiers are not appropriate because
of restrictions placed on the feedback elements. This product
is especially designed for applications where high bandwidth
and good video performance characteristics are desired but
the higher cost of more flexible and sophisticated products
are prohibitive.
Power Supplies
The EL2111 is designed to work at a supply voltage
difference of 4.5V to 5.5V. It will work on any combination of
± supplies. All electrical characteristics are measured with a
5V supply.
Output Swing vs Load
Please refer to the simplified block diagram. This amplifier
provides an NPN pull-up transistor output and a passive
1250
Ω pull-down resistor to the most negative supply. In a
application where the load is connected to VS- the output
voltage can swing to within 200mV of VS-.
Output Drive Capability
This device does not have short circuit protection. Each
output is capable of than 100mA into a shorted output. Care
must be used in the design to limit the output current with a
series resistor.
Single 5V Supply Video Cable Driver
These amplifiers may be used as a direct coupled video
cable driver with a gain of 2. With a 75
Ω back matching
resistor driving a terminated 75
Ω cable the output at the
cable load will be original video level (1V NTSC). The best
operating mode is with direct coupling. The input signal must
be offset to keep the entire signal within the range of the
amplifier. The required offset voltage can be set with a
resistor divider and a bypass capacitor in the video path
(Figure 1). The input DC offset should be between 0.3V and
0.5V. With RA = 68k and RB = 4.7k the input offset will be
0.32V. Since these amplifiers require a DC load at their
outputs it is good design practice to add a 250
Ω resistor to
ground directly at the amplifier output. Then if the 75
Ω cable
termination resistor were inadvertently removed there would
still be an output signal. The values in Figure 1 give an
output range of 0V to 2.6V.
Output capacitive coupling also has some restrictions. These
amplifiers require a DC load at their outputs. A 75
Ω back
8-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
8-Pin SO
Maximum Power Dissipation
vs Ambient Temperature
5-Pin SOT23
Maximum Power Dissipation
vs Ambient Temperature
EL2111


Similar Part No. - EL2111CW

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL211 EVERLIGHT-EL211 Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL211 EVERLIGHT-EL211 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL211(TA)-V EVERLIGHT-EL211(TA)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL211(TB)-V EVERLIGHT-EL211(TB)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
logo
Intersil Corporation
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
   Low Cost, Gain of 1, Video Op Amp
More results

Similar Description - EL2111CW

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
   Low Cost, Gain of 1, Video Op Amp
logo
Analog Devices
AD818 AD-AD818_10 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_15 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
logo
Elantec Semiconductor
EL2245C ELANTEC-EL2245C Datasheet
450Kb / 14P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
logo
Intersil Corporation
EL2445 INTERSIL-EL2445 Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
logo
Analog Devices
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
   Low Cost, Triple Op Amp
REV. A
logo
National Semiconductor ...
LH0042 NSC-LH0042 Datasheet
204Kb / 12P
   Low Cost FET Op Amp
logo
Analog Devices
ADA4862-3 AD-ADA4862-3 Datasheet
381Kb / 16P
   High Speed, G = 2, Low Cost, Triple Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com