Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4511CU-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL4511CU-T7
Description  Super Sync Separator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4511CU-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL4511CU-T7 Datasheet HTML 1Page - Intersil Corporation EL4511CU-T7 Datasheet HTML 2Page - Intersil Corporation EL4511CU-T7 Datasheet HTML 3Page - Intersil Corporation EL4511CU-T7 Datasheet HTML 4Page - Intersil Corporation EL4511CU-T7 Datasheet HTML 5Page - Intersil Corporation EL4511CU-T7 Datasheet HTML 6Page - Intersil Corporation EL4511CU-T7 Datasheet HTML 7Page - Intersil Corporation EL4511CU-T7 Datasheet HTML 8Page - Intersil Corporation EL4511CU-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
FN7009.7
EL4511
Super Sync Separator
The EL4511 sync separator IC is designed for operation in
the next generation of DTV, HDTV, and projector
applications, as well as broadcast equipment and other
applications where video signals need to be processed.
The EL4511 accepts sync on green, separate sync, and H/V
sync inputs, automatically selecting the relevant format. It is
also capable of detecting and decoding tri-level syncs used
with the latest HD systems. Unlike standard sync separators,
the EL4511 can automatically detect the line rate and locks
to it, without the use of an external RSET resistor.
The EL4511 is available in a 24-pin QSOP package and
operates over the full 0°C to 70°C temperature range.
Features
• Composite, component, HDTV, and PC signal-compatible
• Tri-level & bi-level sync-compatible
• Auto sync detection
• 150kHz max line rate
• Low power
• Small package outline
• 3.3V and 5V operation
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• HDTV/DTV analog inputs
• Video projectors
• Computer monitors
• Set top boxes
• Security video
• Broadcast video equipment
Pinout
EL4511
(24-PIN QSOP)
TOP VIEW
Ordering Information
PART
NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL4511CU
24-Pin QSOP
-
MDP0040
EL4511CU-T7
24-Pin QSOP
7”
MDP0040
EL4511CU-T13
24-Pin QSOP
13”
MDP0040
EL4511CUZ
(See Note)
24-Pin QSOP
(Pb-Free)
-
MDP0040
EL4511CUZ-T7
(See Note)
24-Pin QSOP
(Pb-Free)
7”
MDP0040
EL4511CUZ-T13
(See Note)
24-Pin QSOP
(Pb-Free)
13”
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
XTAL
VBLANK
SYNCLOCK
PDWN
SDENB
SCL
SDA
GNDD1
HIN
SYNCIN
VERTIN
LEVEL
XTALN
ODD/EVEN
VERTOUT
BACKPORCH
SYNCOUT
VCCD
GNDD2
GNDA2
VCCA2
VCCA1
GNDA1
HOUT
Data Sheet
July 21, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2005. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
Manufactured under U.S. Patent 5,528,303
Manufactured under License, U.S. Patents 5,486,869; 5,754,250


Similar Part No. - EL4511CU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4511CU-T7 INTERSIL-EL4511CU-T7 Datasheet
645Kb / 24P
   Super Sync Separator
logo
Renesas Technology Corp
EL4511CU-T7 RENESAS-EL4511CU-T7 Datasheet
964Kb / 24P
   Super Sync Separator
More results

Similar Description - EL4511CU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
   Super Sync Separator
logo
Renesas Technology Corp
EL4511 RENESAS-EL4511 Datasheet
964Kb / 24P
   Super Sync Separator
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
logo
Intersil Corporation
EL1881 INTERSIL-EL1881 Datasheet
193Kb / 11P
   Sync Separator, Low Power
logo
Mitsumi Electronics, Co...
MM1067 MITSUMI-MM1067 Datasheet
92Kb / 3P
   No-adjustment Sync Separator Sync Detector
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
logo
Elantec Semiconductor
EL1881C ELANTEC-EL1881C Datasheet
319Kb / 12P
   Sync Separator, Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com