Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4511CUZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4511CUZ
Description  Super Sync Separator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4511CUZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL4511CUZ Datasheet HTML 1Page - Intersil Corporation EL4511CUZ Datasheet HTML 2Page - Intersil Corporation EL4511CUZ Datasheet HTML 3Page - Intersil Corporation EL4511CUZ Datasheet HTML 4Page - Intersil Corporation EL4511CUZ Datasheet HTML 5Page - Intersil Corporation EL4511CUZ Datasheet HTML 6Page - Intersil Corporation EL4511CUZ Datasheet HTML 7Page - Intersil Corporation EL4511CUZ Datasheet HTML 8Page - Intersil Corporation EL4511CUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FN7009.7
July 21, 2005
REFERENCE OSCILLATOR
FIN
Reference Input Frequency
Refer to description of operation
50
kHz
FXTAL
Crystal Frequency
Watch crystal (optional)
32.768
kHz
CONTROL INTERFACE SIGNALS PDWN, SDENB, SCL AND SDA
VHIGH
Input Logic High Threshold
VCCD-1V
VLOW
Input Logic Low Threshold
VGNDD+1V
O/PVHI
SDA O/P Logic High State
@ 1mA
VCCD-0.4
V
O/PVLOW
SDA O/P Logic Low State
@ 1mA
GNDD+0.4
V
FSCL
Serial Control Clock Frequency
5
MHz
TCLS
Setup Time
30
ns
TCLH
Hold Time
30
ns
TLC
Load to Clock Time
30
ns
TDC
Hold to Clock Time
30
ns
TCD
Clock to Data Out Time
30
ns
NOTES:
1. NTSC signal; see curves for other rates.
2. XTAL pin must be low, otherwise 70µA.
3. I/P range reduces if VS of 3.3V - 4.5V (see Timing Diagram 1).
Electrical Specifications
VS = VCCA1 = VCCA2 = VCCD = +5V, TA = 25°C, NTSC input signal on SYNCIN, no output loads, unless
otherwise specified.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL4511


Similar Part No. - EL4511CUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4511CUZ INTERSIL-EL4511CUZ Datasheet
645Kb / 24P
   Super Sync Separator
logo
Renesas Technology Corp
EL4511CUZ RENESAS-EL4511CUZ Datasheet
964Kb / 24P
   Super Sync Separator
logo
Intersil Corporation
EL4511CUZ-T13 INTERSIL-EL4511CUZ-T13 Datasheet
645Kb / 24P
   Super Sync Separator
logo
Renesas Technology Corp
EL4511CUZ-T13 RENESAS-EL4511CUZ-T13 Datasheet
964Kb / 24P
   Super Sync Separator
logo
Intersil Corporation
EL4511CUZ-T7 INTERSIL-EL4511CUZ-T7 Datasheet
645Kb / 24P
   Super Sync Separator
More results

Similar Description - EL4511CUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
   Super Sync Separator
logo
Renesas Technology Corp
EL4511 RENESAS-EL4511 Datasheet
964Kb / 24P
   Super Sync Separator
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
logo
Intersil Corporation
EL1881 INTERSIL-EL1881 Datasheet
193Kb / 11P
   Sync Separator, Low Power
logo
Mitsumi Electronics, Co...
MM1067 MITSUMI-MM1067 Datasheet
92Kb / 3P
   No-adjustment Sync Separator Sync Detector
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
logo
Elantec Semiconductor
EL1881C ELANTEC-EL1881C Datasheet
319Kb / 12P
   Sync Separator, Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com