Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC165A Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HC165A
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC165A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74HC165A Datasheet HTML 2Page - ON Semiconductor MC74HC165A Datasheet HTML 3Page - ON Semiconductor MC74HC165A Datasheet HTML 4Page - ON Semiconductor MC74HC165A Datasheet HTML 5Page - ON Semiconductor MC74HC165A Datasheet HTML 6Page - ON Semiconductor MC74HC165A Datasheet HTML 7Page - ON Semiconductor MC74HC165A Datasheet HTML 8Page - ON Semiconductor MC74HC165A Datasheet HTML 9Page - ON Semiconductor MC74HC165A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC74HC165A
http://onsemi.com
6
PIN DESCRIPTIONS
INPUTS
A, B, C, D, E, F, G, H (Pins 11, 12, 13, 14, 3, 4, 5, 6)
Parallel
Data
inputs.
Data on
these
inputs are
asynchronously entered in parallel into the internal
flip–flops when the Serial Shift/Parallel Load input is low.
SA (Pin 10)
Serial Data input. When the Serial Shift/Parallel Load
input is high, data on this pin is serially entered into the first
stage of the shift register with the rising edge of the Clock.
CONTROL INPUTS
Serial Shift/Parallel Load (Pin 1)
Data–entry control input. When a high level is applied to
this pin, data at the Serial Data input (SA) are shifted into the
register with the rising edge of the Clock. When a low level
is applied to this pin, data at the Parallel Data inputs are
asynchronously loaded into each of the eight internal stages.
Clock, Clock Inhibit (Pins 2, 15)
Clock inputs. These two clock inputs function identically.
Either may be used as an active–high clock inhibit.
However, to avoid double clocking, the inhibit input should
go high only while the clock input is high.
The shift register is completely static, allowing Clock
rates down to DC in a continuous or intermittent mode.
OUTPUTS
QH, QH (Pins 9, 7)
Complementary Shift Register outputs. These pins are the
noninverted and inverted outputs of the eighth stage of the
shift register.


Similar Part No. - MC74HC165A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
135Kb / 12P
   8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
logo
Motorola, Inc
MC74HC165A MOTOROLA-MC74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
MC74HC165AD ONSEMI-MC74HC165AD Datasheet
135Kb / 12P
   8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
MC74HC165ADG ONSEMI-MC74HC165ADG Datasheet
135Kb / 12P
   8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
More results

Similar Description - MC74HC165A

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
logo
Motorola, Inc
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
   8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_16 Datasheet
122Kb / 13P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com