Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG25D60L Datasheet(PDF) 1 Page - SanRex Corporation

Part # TMG25D60L
Description  TRIAC(Through Hole /Non-isolated)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

TMG25D60L Datasheet(HTML) 1 Page - SanRex Corporation

  TMG25D60L Datasheet HTML 1Page - SanRex Corporation TMG25D60L Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMG25D60L
(Sensitive Gate)
TRIAC(Through Hole /Non-isolated)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
■Electrical Characteristics
VDRM
Repetitive Peak Off-State Voltage
600
25
V
Symbol
Item
Reference
Ratings
Unit
IT(RMS)
R.M.S. On-State Current
ITSM
Surge On-State Current
Tc
=89℃
One cycle, 50Hz/60Hz, Peak value non-repetitive
I2t
I2t
(for fusing)
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IGM
Peak Gate Current
VGM
Peak Gate Voltage
A
225/250
A
260
5
A2S
W
0.5
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mass
2
W
A
10
V
−40∼+125
−40∼+150
5.1
g
Symbol
Item
Reference
Ratings
Min.
Typ.
Max.
Unit
IDRM
Repetitive Peak Off-State Current
VTM
Peak On-State Voltage
VD=VDRM, Single phase, half wave, Tj
=125℃
IT
=35A, Inst. measurement
I
GT1
1
2
3
4
Gate Trigger Current
I
GT1
I
GT3
I
GT3
VGD
Non-Trigger Gate Voltage
VD
=6V,RL=10Ω
mA
V
mA
0.2
10
35
5
1.4
10
10
10
1.5
1.5
1.5
1.2
V
GT1
1
2
3
4
Gate Trigger Voltage
V
GT1
V
GT3
V
GT3
V
Tj
=125℃,VD12VDRM
〔dv/dt〕c
Critical Rate of Rise of Off-State
Voltage at Commutation
IH
Holding Current
Rth
Thermal Resistance
Tj
=125℃,〔di/dt〕c=−12.5A/ms,VD23VDRM
Junction to case
V
V/
μs
mA
℃/W
Mode 1( I
Trigger mode of the triac
Mode 2( I
Mode 3( III
Mode 4( III
15.6±0.3
4.8±0.2
1.50
Tc POINT
1.4±0.2
13.6±0.2
9.6±0.2
φ3.2
±
0.2
2.0±0.2
3.0±0.2
1.0±0.2
5.45±0.30
5.45±0.30
+0.15
−0.05
0.60
+0.15
−0.05
1 T1
2 T2
3 Gate
1
2
2
2
3
1
2
3
Identifying Code
:T25D6L
TO-3P
Unit
mm
Triac TMG25D60L is designed for full wave AC control applications.
It can be used as an ON/OFF function or for phase control operation.
Typical Applications
Home Appliances : Washing Machines, Vacuum Cleaners, Rice Cookers, Micro
Wave Ovens, Hair Dryers, other control applications
Industrial Use
: SMPS, Copier Machines, Motor Controls, Dimmer, SSR,
Heater Controls, Vending Machines, other control
applications
Features
IT(RMS)=25A
High Surge Current
Low Voltage Drop
Lead-Free Package
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


Similar Part No. - TMG25D60L

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG25D60F SANREX-TMG25D60F Datasheet
470Kb / 2P
   TRIAC(Through Hole / Isolated)
TMG25D60J SANREX-TMG25D60J Datasheet
471Kb / 2P
   TRIAC(Through Hole / Isolated)
More results

Similar Description - TMG25D60L

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG25CQ60L SANREX-TMG25CQ60L Datasheet
471Kb / 2P
   TRIAC(Through Hole/Non-isolated)
TMG3D80C SANREX-TMG3D80C Datasheet
476Kb / 3P
   TRIAC(Through Hole/Non-isolated)
TMG5C80 SANREX-TMG5C80 Datasheet
471Kb / 2P
   TRIAC(Through Hole/Non-isolated)
TMG8D60 SANREX-TMG8D60 Datasheet
469Kb / 2P
   TRIAC(Through Hole/Non-isolated)
TMG8D80 SANREX-TMG8D80 Datasheet
469Kb / 2P
   TRIAC(Through Hole/Non-isolated)
TMG10CQ60 SANREX-TMG10CQ60 Datasheet
477Kb / 2P
   TRIAC(Through Hole/Non-isolated)
TMG16C60L SANREX-TMG16C60L Datasheet
472Kb / 2P
   TRIAC(Through Hole/Non-isolated)
TMG16C80 SANREX-TMG16C80 Datasheet
468Kb / 2P
   TRIAC(Through Hole/Non-isolated)
TMG20CQ60 SANREX-TMG20CQ60 Datasheet
478Kb / 2P
   TRIAC(Through Hole / Non-isolated)
TMG8C80 SANREX-TMG8C80 Datasheet
468Kb / 2P
   TRIAC(Through Hole/Non-isolated)
TMG3CQ60C SANREX-TMG3CQ60C Datasheet
478Kb / 3P
   TRIAC(Through Hole/Non-isolated)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com