Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7535IYZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7535IYZ
Description  Monolithic 350mA Step-Down Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7535IYZ Datasheet(HTML) 7 Page - Intersil Corporation

  EL7535IYZ Datasheet HTML 1Page - Intersil Corporation EL7535IYZ Datasheet HTML 2Page - Intersil Corporation EL7535IYZ Datasheet HTML 3Page - Intersil Corporation EL7535IYZ Datasheet HTML 4Page - Intersil Corporation EL7535IYZ Datasheet HTML 5Page - Intersil Corporation EL7535IYZ Datasheet HTML 6Page - Intersil Corporation EL7535IYZ Datasheet HTML 7Page - Intersil Corporation EL7535IYZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FN7003.2
August 16, 2005
output voltage is gradually increased to ensure proper soft-
start operation.
When the EN pin is connected to a logic low, the EL7535 is
in the shut-down mode. All the control circuitry and both
MOSFETs are off, and VOUT falls to zero. In this mode, the
total input current is less than 1µA.
When the EN reaches logic HI, the regulator repeats the
start-up procedure, including the soft-start function.
RSI/POR Function
When powering up, the open-collector Power-On-Reset
output holds low for about 100ms after VO reaches the
preset voltage. When the active-HI reset signal RSI is
issued, POR goes to low immediately and holds for the
same period of time after RSI comes back to LOW. The
output voltage is unaffected. (Please refer to the timing
diagram). When the function is not used, connect RSI to
ground and leave open the pull-up resister R4 at POR pin.
The POR output also serves as a 100ms delayed Power
Good signal when the pull-up resister R4 is installed. The
RSI pin needs to be directly (or indirectly through a resister
R6) connected to Ground for this to function properly.
Output Voltage Selection
Users can set the output voltage of the converter with a
resister divider, which can be chosen based on the following
formula:
Component Selection
Because of the fixed internal compensation, the component
choice is relatively narrow. For a regulator with fixed output
voltage, only two capacitors and one inductor are required.
We recommend 10µF to 22µF multi-layer ceramic capacitors
with X5R or X7R rating for both the input and output
capacitors, and 1.5µH to 2.2µH inductance for the inductor.
The RMS current present at the input capacitor is decided by
the following formula:
This is about half of the output current IO for all the VO. This
input capacitor must be able to handle this current.
The inductor peak-to-peak ripple current is given as:
• L is the inductance
•fS the switching frequency (nominally 1.4MHz)
The inductor must be able to handle IO for the RMS load
current, and to assure that the inductor is reliable, it must
handle the 1.5A surge current that can occur during a
current limit condition.
Current Limit and Short-Circuit Protection
The current limit is set at about 1.5A for the PMOS. When a
short-circuit occurs in the load, the preset current limit
restricts the amount of current available to the output, which
causes the output voltage to drop below the preset voltage.
In the meantime, the excessive current heats up the
regulator until it reaches the thermal shut-down point.
Thermal Shut-Down
Once the junction reaches about 145°C, the regulator shuts
down. Both the P channel and the N channel MOSFETs turn
off. The output voltage will drop to zero. With the output
MOSFETs turned off, the regulator will soon cool down.
Once the junction temperature drops to about 130°C, the
regulator will restart again in the same manner as EN pin
connects to logic HI.
Thermal Performance
The EL7535 is in a fused-lead MSOP10 package. Compared
with regular MSOP10 package, the fused-lead package
provides lower thermal resistance. The
θJA is 100°C/W on a
4-layer board and 125°C/W on 2-layer board. Maximizing the
copper area around the pins will further improve the thermal
performance.
Layout Considerations
The layout is very important for the converter to function
properly. The following PC layout guidelines should be
followed:
• Separate the Power Ground ( ) and Signal Ground ( );
connect them only at one point right at the pins
• Place the input capacitor as close to VIN and PGND pins
as possible
• Make the following PC traces as small as possible:
- from LX pin to L
- from CO to PGND
• If used, connect the trace from the FB pin to R1 and R2 as
close as possible
• Maximize the copper area around the PGND pin
• Place several via holes under the chip to additional ground
plane to improve heat dissipation
The demo board is a good example of layout based on this
outline. Please refer to the EL7535 Application Brief.
VO
0.8
1
R2
R1
-------
+



×
=
IINRMS
VIN VIN - VO
()
×
VIN
------------------------------------------------- IO
×
=
∆I
IL
VIN
(
- VO) VO
×
LVIN fS
×
×
--------------------------------------------
=
EL7535


Similar Part No. - EL7535IYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7535IYZ INTERSIL-EL7535IYZ Datasheet
180Kb / 9P
   Monolithic 350mA Step-Down Regulator
logo
Renesas Technology Corp
EL7535IYZ RENESAS-EL7535IYZ Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535IYZ-T13 INTERSIL-EL7535IYZ-T13 Datasheet
180Kb / 9P
   Monolithic 350mA Step-Down Regulator
EL7535IYZ-T7 INTERSIL-EL7535IYZ-T7 Datasheet
180Kb / 9P
   Monolithic 350mA Step-Down Regulator
More results

Similar Description - EL7535IYZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535 INTERSIL-EL7535_06 Datasheet
180Kb / 9P
   Monolithic 350mA Step-Down Regulator
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com