Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3237CAZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL3237CAZ
Description  1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3237CAZ Datasheet(HTML) 5 Page - Intersil Corporation

  ICL3237CAZ Datasheet HTML 1Page - Intersil Corporation ICL3237CAZ Datasheet HTML 2Page - Intersil Corporation ICL3237CAZ Datasheet HTML 3Page - Intersil Corporation ICL3237CAZ Datasheet HTML 4Page - Intersil Corporation ICL3237CAZ Datasheet HTML 5Page - Intersil Corporation ICL3237CAZ Datasheet HTML 6Page - Intersil Corporation ICL3237CAZ Datasheet HTML 7Page - Intersil Corporation ICL3237CAZ Datasheet HTML 8Page - Intersil Corporation ICL3237CAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Output Resistance
VCC = V+ = V- = 0V, Transmitter Output = ±2V
Full
300
10M
-
Output Short-Circuit Current
Full
-
±35
±60
mA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 5.5V, SHDN = GND
Full
-
-
±25
µA
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ, One
Transmitter Switching
CL = 1000pF
MBAUD = GND
Full
250
700
-
kbps
VCC = 3V to 4.5V,
CL = 250pF
MBAUD = VCC
Full
1000
1700
-
kbps
VCC = 4.5V to 5.5V,
CL = 1000pF
MBAUD = VCC
Full
1000
1100
-
kbps
Receiver Propagation Delay
Receiver Input to
Receiver Output,
CL = 150pF
tPHL
25
-
0.15
-
µs
tPLH
25
-
0.15
-
µs
Receiver Output Enable Time
Normal Operation
25
-
200
-
ns
Receiver Output Disable Time
Normal Operation
25
-
200
-
ns
Transmitter Skew
tPHL - tPLH (Note 3)
MBAUD = GND
25
-
100
ns
MBAUD = VCC, VCC = 3.0V
25
-
25
ns
Receiver Skew
tPHL - tPLH, CL = 150pF
25
-
50
-
ns
Transition Region Slew Rate
VCC = 3.3V,
RL = 3kΩ to 7kΩ,
Measured From 3V to
-3V or -3V to 3V
CL = 150pF to 1000pF MBAUD = GND
25
6
17
30
V/
µs
MBAUD = VCC
25
24
40
150
V/
µs
CL = 150pF to 2500pF MBAUD = GND
25
4
12
30
V/
µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
±8-
kV
IEC61000-4-2 Air Gap Discharge
25
-
>±8-
kV
All Other Pins
Human Body Model
25
-
±2.5
-
kV
NOTE:
3. Skew is measured at the input switching points (1.4V).
Electrical Specifications
Test Conditions: VCC = 3V, C1 - C4 = 0.22µF; VCC = 3.15V to 5.5V, C1 - C4 = 0.1µF, Unless Otherwise
Specified. Typicals are at TA = 25
oC (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
ICL3237


Similar Part No. - ICL3237CAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3237E INTERSIL-ICL3237E Datasheet
302Kb / 12P
   -15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
ICL3237E INTERSIL-ICL3237E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3237ECA INTERSIL-ICL3237ECA Datasheet
302Kb / 12P
   -15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3237ECA RENESAS-ICL3237ECA Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3237CAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232IV INTERSIL-ICL3232IV Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CBNZ-T INTERSIL-ICL3232CBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3241CBZ INTERSIL-ICL3241CBZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221CAZ-T INTERSIL-ICL3221CAZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221 RENESAS-ICL3221 Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3237E INTERSIL-ICL3237E Datasheet
302Kb / 12P
   -15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com