Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC174AN Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC174AN
Description  Hex D Flip-Flop with Common Clock and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC174AN Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC174AN Datasheet HTML 1Page - ON Semiconductor MC74HC174AN Datasheet HTML 2Page - ON Semiconductor MC74HC174AN Datasheet HTML 3Page - ON Semiconductor MC74HC174AN Datasheet HTML 4Page - ON Semiconductor MC74HC174AN Datasheet HTML 5Page - ON Semiconductor MC74HC174AN Datasheet HTML 6Page - ON Semiconductor MC74HC174AN Datasheet HTML 7Page - ON Semiconductor MC74HC174AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 7
1
Publication Order Number:
MC74HC174A/D
MC74HC174A
Hex D Flip-Flop with
Common Clock and Reset
High–Performance Silicon–Gate CMOS
The MC74HC174A is identical in pinout to the LS174. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
This device consists of six D flip–flops with common Clock and
Reset inputs. Each flip–flop is loaded with a low–to–high transition of
the Clock input. Reset is asynchronous and active–low.
Output Drive Capability: 10 LSTTL Loads
TTL NMOS Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1.0 µA
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 162 FETs or 40.5 Equivalent Gates
LOGIC DIAGRAM
PIN 16 = VCC
PIN 8 = GND
3
4
6
11
13
14
2
5
7
10
12
15
D0
D1
D2
D3
D4
D5
Q0
Q1
Q2
Q3
Q4
Q5
CLOCK
9
RESET 1
DATA
INPUTS
NONINVERTING
OUTPUTS
FUNCTION TABLE
Inputs
Output
Reset
Clock
D
Q
LX
X
L
HH
H
HL
L
H
L
X
No Change
H
X
No Change
Design Criteria
Value
Units
Internal Gate Count*
40.5
ea.
Internal Gate Propagation Delay
1.5
ns
Internal Gate Power Dissipation
5.0
µW
Speed Power Product
.0075
pJ
*Equivalent to a two–input NAND gate.
SO–16
D SUFFIX
CASE 751B
http://onsemi.com
1
16
PDIP–16
N SUFFIX
CASE 648
1
16
MARKING
DIAGRAMS
1
16
MC74HC174AN
AWLYYWW
1
16
HC174A
AWLYWW
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC74HC174AN
PDIP–16
2000 / Box
MC74HC174AD
SOIC–16
48 / Rail
MC74HC174ADR2
SOIC–16
2500 / Reel
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Q4
D4
D5
Q5
VCC
CLOCK
Q3
D3
D1
D0
Q0
RESET
GND
Q2
D2
Q1


Similar Part No. - MC74HC174AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC174AN MOTOROLA-MC74HC174AN Datasheet
178Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HC174AN ONSEMI-MC74HC174AN Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
logo
Motorola, Inc
MC74HC174AN MOTOROLA-MC74HC174AN Datasheet
210Kb / 6P
   Hex D Flip-Flop With Common Clock And Reset High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC174ANG ONSEMI-MC74HC174ANG Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC174ANG ONSEMI-MC74HC174ANG Datasheet
148Kb / 10P
   Hex D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 12
More results

Similar Description - MC74HC174AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT174 INTEGRAL-IN74ACT174 Datasheet
163Kb / 5P
   HEX D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_12 Datasheet
148Kb / 10P
   Hex D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 12
logo
System Logic Semiconduc...
SL74HC174 SLS-SL74HC174 Datasheet
46Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset
logo
Motorola, Inc
MC74HCT174A MOTOROLA-MC74HCT174A Datasheet
178Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
MC54-74HC175 MOTOROLA-MC54-74HC175 Datasheet
200Kb / 7P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A Datasheet
191Kb / 8P
   Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
MC54-74HC175 ONSEMI-MC54-74HC175 Datasheet
200Kb / 7P
   Quad D Flip-Flop with Common Clock and Reset
REV 6
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A_14 Datasheet
93Kb / 9P
   Quad D Flip-Flop with Common Clock and Reset
November, 2014 ??Rev. 6
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com