Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3310ECA-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL3310ECA-T
Description  /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3310ECA-T Datasheet(HTML) 1 Page - Intersil Corporation

  ICL3310ECA-T Datasheet HTML 1Page - Intersil Corporation ICL3310ECA-T Datasheet HTML 2Page - Intersil Corporation ICL3310ECA-T Datasheet HTML 3Page - Intersil Corporation ICL3310ECA-T Datasheet HTML 4Page - Intersil Corporation ICL3310ECA-T Datasheet HTML 5Page - Intersil Corporation ICL3310ECA-T Datasheet HTML 6Page - Intersil Corporation ICL3310ECA-T Datasheet HTML 7Page - Intersil Corporation ICL3310ECA-T Datasheet HTML 8Page - Intersil Corporation ICL3310ECA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6000.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ICL3310E
+/- 15kV ESD Protected, +3V to +5.5V,
1 Microamp, 250kbps, RS-232
Transmitter/Receiver
The Intersil ICL3310E contains 3.0V to 5.5V powered
RS-232 transmitters/receivers which meet ElA/TIA-232 and
V.28/V.24 specifications, even at VCC = 3.0V. Targeted
applications are PDAs, Palmtops, and notebook and laptop
computers where the low operational, and even lower
standby, power consumption is critical. Efficient on-chip
charge pumps, coupled with a manual powerdown function
reduces the standby supply current to a 1
µA trickle. Small
footprint packaging, and the use of small, low value
capacitors ensure board space savings as well. Data rates
greater than 250kbps are guaranteed at worst case load
conditions. This device is fully compatible with 3.3V only
systems, mixed 3.3V and 5.0V systems, and 5.0V only
systems.
The single pin powerdown function (SHDN = 0) disables all
the transmitters and receivers, while shutting down the
charge pump to minimize supply current drain.
Table 1 summarizes the features of the ICL3310E, while
Application Note AN9863 summarizes the features of each
device comprising the ICL32XX 3V family.
Features
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Drop In Replacement for MAX3384ECWN (SOIC)
• Low Power, Pin Compatible Upgrade for 5V MAX222,
SP310E, ADM222, and LT1780
• Single SHDN Pin Disables Transmitters and Receivers
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible Outputs at 2.7V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External
0.1
µF Capacitors
• Receiver Hysteresis For Improved Noise Immunity
• Very Low Supply Current . . . . . . . . . . . . . . . . . . . . 0.3mA
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/
µs
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State. . . . . . . . . .<1
µA
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Modems, Printers and other Peripherals
- Digital Cameras
- Cellular/Mobile Phones
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• AN9863, “3V to +5.5V, 250k-1Mbps, RS-232
Transmitters/Receivers”
Part # Information
PART NO.
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ICL3310ECB
0 to 70
18 Ld SOIC
M18.3
ICL3310ECB-T
0 to 70
Tape and Reel
M18.3
ICL3310ECA
0 to 70
20 Ld SSOP
M20.209
ICL3310ECA-T
0 to 70
Tape and Reel
M20.209
ICL3310EIB
-40 to 85
18 Ld SOIC
M18.3
ICL3310EIB-T
-40 to 85
Tape and Reel
M18.3
ICL3310EIA
-40 to 85
20 Ld SSOP
M20.209
ICL3310EIA-T
-40 to 85
Tape and Reel
M20.209
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
NO. OF
Tx.
NO. OF
Rx.
NO. OF
MONITOR Rx.
(ROUTB)
DATA
RATE
(kbps)
Rx. ENABLE
FUNCTION?
READY
OUTPUT?
MANUAL
POWER-
DOWN?
AUTOMATIC
POWERDOWN
FUNCTION?
ICL3310E
2
2
0
250
No
No
Yes
No
Data Sheet
July 2004
OBSO
LETE
PROD
UCT
POSS
IBLE S
UBST
ITUTE
PRODU
CT
ICL32
22E


Similar Part No. - ICL3310ECA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310CB INTERSIL-ICL3310CB Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310CB-T INTERSIL-ICL3310CB-T Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310IB INTERSIL-ICL3310IB Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310IB-T INTERSIL-ICL3310IB-T Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
More results

Similar Description - ICL3310ECA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83384E RENESAS-ISL83384E Datasheet
542Kb / 9P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
logo
Intersil Corporation
ISL83384E INTERSIL-ISL83384E Datasheet
289Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
ISL83384E INTERSIL-ISL83384E_05 Datasheet
281Kb / 9P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com