Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L120IR Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL43L120IR
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L120IR Datasheet(HTML) 5 Page - Intersil Corporation

  ISL43L120IR Datasheet HTML 1Page - Intersil Corporation ISL43L120IR Datasheet HTML 2Page - Intersil Corporation ISL43L120IR Datasheet HTML 3Page - Intersil Corporation ISL43L120IR Datasheet HTML 4Page - Intersil Corporation ISL43L120IR Datasheet HTML 5Page - Intersil Corporation ISL43L120IR Datasheet HTML 6Page - Intersil Corporation ISL43L120IR Datasheet HTML 7Page - Intersil Corporation ISL43L120IR Datasheet HTML 8Page - Intersil Corporation ISL43L120IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6091.1
November 3, 2004
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1 VRMS, See
Figure 3 and Figure 5
25
-
62
-
dB
Crosstalk (Channel-to-Channel)
25
-
-94
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 6
25
-
182
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 6
25
-
182
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 6
25
-
290
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 1.65V to 3.6V, VIN = 0V or V+, all channels on or
off
25
-
-
30
nA
Full
-
-
750
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.4
V
Input Voltage High, VINH
Full
1.0
-
-
V
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+ (Note 9)
Full
-0.5
-
0.5
µA
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.65V to +2.0V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Note 6, 8),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 7)
TYP
MAX
(NOTE 7)UNITS
50%
tr < 5ns
tf < 5ns
tOFF
90%
V+
0V
VNO
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(NO or NC)
RL
RL R ON
()
+
------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
50
35pF
GND
V+
C
VOUT
∆VOUT
ON
OFF
ON
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
V+
0V
CL
VOUT
RG
VG
GND
COM
NO or NC
V+
C
LOGIC
INPUT
IN
ISL43L120, ISL43L121, ISL43L122


Similar Part No. - ISL43L120IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L120IR INTERSIL-ISL43L120IR Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120IR RENESAS-ISL43L120IR Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120IRZ INTERSIL-ISL43L120IRZ Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120IRZ RENESAS-ISL43L120IRZ Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
More results

Similar Description - ISL43L120IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120_06 Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710 Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com