Electronic Components Datasheet Search |
|
CCF-605K62FKR36 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
CCF-605K62FKR36 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 2 page www.vishay.com 17 CCF55, CCF60 Vishay Dale Document Number: 31015 Revision 05-Oct-05 For Technical Questions, contact ff3dresistors@vishay.com * Test Methods per MIL-STD-202G/IEC 60115/DIN EN 140000 (as applicable). GLOBAL MODEL CCF55 (Sn/Pb) CCF55 (Sn) PERFORMANCE POWER RATING @ + 70 °C CCF55 1/4 watt 1/2 watt CCF60 1/2 watt 3/4 watt and 1 watt TEST* MAXIMUM ∆R MAXIMUM ∆R Thermal Shock ± 0.5% - Short Time Overload ± 0.5% - Low Temperature Operation ± 0.5% - Moisture Resistance ± 1.5% - Resistance to Soldering Heat ± 0.5% - Shock / Bump ± 0.5% - Vibration ± 0.5% - Life ± 0.5% ± 1.0% Terminal Strength ± 0.2% - Dielectric Withstanding Voltage ± 0.5% - A 0.245 ± 0.020 [6.22 ± 0.51] 0.245 ± 0.020 [6.22 ± 0.51] B 0.090 ± 0.008 [2.29 ± 0.20] 0.090 ± 0.008 [2.29 ± 0.20] C (Max.) 0.265 [6.73] 0.265 [6.73] D 0.025 ± 0.002 [0.64 ± 0.05] 0.023 ± 0.002 [0.60 ± 0.05] E 1.100 ± 0.040 [27.94 ± 1.02] 1.100 ± 0.040 [27.94 ± 1.02] DIMENSIONS in inches [millimeters] Metal Film Resistors, Industrial, ± 1% Tolerance D B A E C Max. Vishay Dale Models CCF55 and CCF60 are available in the standard 96 resistance values per decade. Values are obtained from the following decade table by multiplying by powers of 10. As an example: 30.1 can represent 30.1 ohm, 301 ohm, 3.01 kohm, 30.1 kohm or 301 kohm. 10.0 10.2 10.5 10.7 11.0 11.3 11.5 11.8 12.1 12.4 12.7 13.0 13.3 13.7 14.0 14.3 14.7 15.0 15.4 15.8 16.2 16.5 16.9 17.4 17.8 18.2 18.7 19.1 19.6 20.0 20.5 21.0 21.5 22.1 22.6 23.2 23.7 24.3 24.9 25.5 26.1 26.7 27.4 28.0 28.7 29.4 30.1 30.9 31.6 32.4 33.2 34.0 34.8 35.7 36.5 37.4 38.3 39.2 40.2 41.2 42.2 43.2 44.2 45.3 46.4 47.5 48.7 49.9 51.1 52.3 53.6 54.9 56.2 57.6 59.0 60.4 61.9 63.4 64.9 66.5 68.1 69.8 71.5 73.2 75.0 76.8 78.7 80.6 82.5 84.5 86.6 88.7 90.9 93.1 95.3 97.6 —Color band MARKING -65 -50 -25 0 25 50 70 75 100 125 150 165 175 200 AMBIENT TEMPERATURE IN ˚C DERATING RESISTANCE VALUES 0 20 40 60 80 100 120 0.344 ± 0.031 [8.74 ± 0.79] 0.139 ± 0.009 [3.53 ± 0.23] 0.400 [10.16] 0.025 ± 0.002 [0.64 ± 0.05] 1.000 ± 0.040 [25.40 ± 1.02] CCF60 |
Similar Part No. - CCF-605K62FKR36 |
|
Similar Description - CCF-605K62FKR36 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |