Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23711 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL23711
Description  Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23711 Datasheet(HTML) 6 Page - Intersil Corporation

  ISL23711 Datasheet HTML 1Page - Intersil Corporation ISL23711 Datasheet HTML 2Page - Intersil Corporation ISL23711 Datasheet HTML 3Page - Intersil Corporation ISL23711 Datasheet HTML 4Page - Intersil Corporation ISL23711 Datasheet HTML 5Page - Intersil Corporation ISL23711 Datasheet HTML 6Page - Intersil Corporation ISL23711 Datasheet HTML 7Page - Intersil Corporation ISL23711 Datasheet HTML 8Page - Intersil Corporation ISL23711 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN6127.0
August 16, 2005
NOTES:
1. Typical values are for TA = 25°C and ±5V supply voltage.
2. LSB: [V(RW)127 – V(RW)0] / 127. V(RW)127 and V(RW)0 are V(RW) for the DCP register set to 7F hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
3. ZS error = (V(RW)0 – V-) / LSB.
4. FS error = [V(RW)127 – VCC] / LSB.
5. DNL = [V(RW)i – V(RW)i-1] / LSB-1, for i = 1 to 127. i is the DCP register setting.
6. INL = V(RW)i – (i • LSB – V(RW)0) for i = 1 to 127.
7.
for i = 16 to 120 decimal, Max( ) is the maximum value of the wiper voltage and Min ( ) is the minimum value of the wiper voltage over the
temperature range.
8. MI =
|R127 – R0| / 127. R127 and R0 are the measured resistances for the DCP register set to 7F hex and 00 hex respectively.
9. Roffset = R0 / MI, when measuring between RW and RL.
Roffset = R127 / MI, when measuring between RW and RH.
10. RDNL = (Ri – Ri-1) / MI, for i = 16 to 127.
11. RINL = [Ri – (MI • i) – R0] / MI, for i = 16 to 127.
12.
for i = 16 to 127, Max( ) is the maximum value of the resistance and Min ( ) is the minimum value of the resistance over the temperature range.
13. This parameter is not 100% tested.
14. These are I2C specific parameters and are not directly tested, however they are used during device testing to validate device specification.
Test Circuit
Equivalent Circuit
Pin Descriptions
Potentiometer Pins
RH AND RL
The high (RH) and low (RL) terminals of the ISL23711 are
equivalent to the fixed terminals of a mechanical
potentiometer. The terminology of RL and RH references the
relative position of the terminal in relation to wiper movement
direction selected by the I2C serial input and not the voltage
potential on the terminal.
R
W
Rw is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the control inputs.
BUS INTERFACE PINS
Serial Data Input/Output (SDA)
The SDA is a bidirectional serial data input/output pin for the
I2C interface. It receives device address, operation code,
wiper register address and data from an I2C external master
device at the rising edge of the serial clock SCL, and it shifts
out data after each falling edge of the serial clock SCL.
SDA requires an external pull-up resistor, since it’s an open
drain output.
Serial Clock (SCL)
This input is the serial clock of the I2C serial interface.
Device Address (A1-A0)
The Address inputs are used to set the least significant 2 bits
of the 7-bit I2C interface slave address. A match in the slave
address serial data stream must be made with the Address
input pins in order to initiate communication with the
ISL23711. A maximum of 4 ISL23711 devices may occupy
the I2C serial bus.
Principles of Operation
The ISL23711 is an integrated circuit incorporating one DCP
with It’s associated register, and an I2C serial interface
providing direct communication between a host and the
potentiometer and memory. The resistor array is comprised
TCV
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
125°C
-----------------
×
=
TCR
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
125°C
-----------------
×
=
FORCE
CURRENT
TEST POINT
RW
CH
CL
RW
RTOTAL
CW
RH
RL
ISL23711


Similar Part No. - ISL23711

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23711 INTERSIL-ISL23711 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
ISL23711UIU10Z RENESAS-ISL23711UIU10Z Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
ISL23711WIU10Z RENESAS-ISL23711WIU10Z Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
More results

Similar Description - ISL23711

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com