Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC164ADTR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC164ADTR2
Description  8-Bit Serial-Input/Parallel-Output Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC164ADTR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC164ADTR2 Datasheet HTML 1Page - ON Semiconductor MC74HC164ADTR2 Datasheet HTML 2Page - ON Semiconductor MC74HC164ADTR2 Datasheet HTML 3Page - ON Semiconductor MC74HC164ADTR2 Datasheet HTML 4Page - ON Semiconductor MC74HC164ADTR2 Datasheet HTML 5Page - ON Semiconductor MC74HC164ADTR2 Datasheet HTML 6Page - ON Semiconductor MC74HC164ADTR2 Datasheet HTML 7Page - ON Semiconductor MC74HC164ADTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 1
1
Publication Order Number:
MC74HC164A/D
MC74HC164A
8-Bit Serial-Input/
Parallel-Output Shift
Register
High–Performance Silicon–Gate CMOS
The MC74HC164A is identical in pinout to the LS164. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
The MC74HC164A is an 8–bit, serial–input to parallel–output shift
register. Two serial data inputs, A1 and A2, are provided so that one
input may be used as a data enable. Data is entered on each rising edge
of the clock. The active–low asynchronous Reset overrides the Clock
and Serial Data inputs.
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2 to 6 V
Low Input Current: 1 µA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 244 FETs or 61 Equivalent Gates
LOGIC DIAGRAM
PIN 14 = VCC
PIN 7 = GND
3
QA
4
5
6
10
11
12
13
QB
QC
QD
QE
QF
QG
QH
PARALLEL
DATA
OUTPUTS
9
RESET
CLOCK
8
SERIAL
DATA
INPUTS
A1
A2
1
2
DATA
FUNCTION TABLE
Inputs
Outputs
Reset Clock
A1
A2 QA QB
… QH
LX
X
X
L
L
… L
H
X
X
No Change
HH
D
D QAn … QGn
HD
H
D QAn … QGn
D = data input
QAn – QGn = data shifted from the preceding
stage on a rising edge at the clock input.
Device
Package
Shipping
ORDERING INFORMATION
MC74HC164AN
PDIP–14
2000 / Box
MC74HC164AD
SOIC–14
http://onsemi.com
55 / Rail
MC74HC164ADR2
SOIC–14
2500 / Reel
MARKING
DIAGRAMS
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
MC74HC164ADT
TSSOP–14
96 / Rail
MC74HC164ADTR2
TSSOP–14
2500 / Reel
TSSOP–14
DT SUFFIX
CASE 948G
HC
164A
ALYW
1
14
1
14
PDIP–14
N SUFFIX
CASE 646
MC74HC164AN
AWLYYWW
SOIC–14
D SUFFIX
CASE 751A
1
14
HC164A
AWLYWW
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
QE
QF
QG
QH
VCC
CLOCK
RESET
QB
QA
A2
A1
GND
QD
QC


Similar Part No. - MC74HC164ADTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164ADTR2 ONSEMI-MC74HC164ADTR2 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC74HC164ADTR2G ONSEMI-MC74HC164ADTR2G Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC74HC164ADTR2G ONSEMI-MC74HC164ADTR2G Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results

Similar Description - MC74HC164ADTR2

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
logo
KODENSHI_AUK CORP.
KK74LS164 KODENSHI-KK74LS164 Datasheet
279Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift Register
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
Integral Corp.
IN74AC164 INTEGRAL-IN74AC164 Datasheet
168Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift register
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com