Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL24006IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL24006IRZ
Description  14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24006IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL24006IRZ Datasheet HTML 1Page - Intersil Corporation ISL24006IRZ Datasheet HTML 2Page - Intersil Corporation ISL24006IRZ Datasheet HTML 3Page - Intersil Corporation ISL24006IRZ Datasheet HTML 4Page - Intersil Corporation ISL24006IRZ Datasheet HTML 5Page - Intersil Corporation ISL24006IRZ Datasheet HTML 6Page - Intersil Corporation ISL24006IRZ Datasheet HTML 7Page - Intersil Corporation ISL24006IRZ Datasheet HTML 8Page - Intersil Corporation ISL24006IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6110.1
September 9, 2005
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (T
A = 25°C)
Supply Voltage between AVDD and GND . . . . . . . . . . . . . . . . .+18V
Supply Voltage between DVDD and GND lesser of VS or +7V (max)
Maximum Continuous Output Current . . . . . . . . . . . . 20mA/channel
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TBD
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied. The device outputs cannot withstand short-
circuit condition for extended periods of time. To avoid damage, do not exceed absolute maximum rating of 20mA/channel.
Electrical Specifications
AVDD = 15V, DVDD = 5V, VREFU_H = 14V, VREFU_L = 8.5V, VREFL_H = 6.5V, VREFL_L = 1V, RL = 1kΩ and
CL = 10pF to 1/2 AVDD, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IAVDD
Supply Current
No load
30
38
mA
IDVDD
Digital Supply Current
2.75
4
mA
ANALOG
VOH
OUT1 to OUT7
VREFU_H = 14V, AVDD = 15V
13.94
13.98
14.02
V
VOL
OUT1 to OUT7
VREFU_L = 8.5V, AVDD = 15V
8.47
8.51
8.55
V
VOH
OUT8 to OUT14
VREFL_H = 6.5V, AVDD = 15V
6.44
6.48
6.52
V
VOL
OUT8 to OUT14
VREFL_L = 1.0V, AVDD = 15V
0.96
1.00
1.04
V
PSRR
Power Supply Rejection Ratio
AVDD is moved from 14V to 16V
42
50
dB
VAC
Accuracy
-50
0
+50
mV
IB
Input Bias Current,
VREF(U_H, U_L, L_H, L_L)
VREF = 1/2 AVDD
250
nA
REG
Load Regulation
IOUT = 5mA step
0.5
mV/mA
BG
Band Gap
1.1
1.3
1.4
V
SR
Slew Rate
815
V/µs
tS
Settling Time
±1/2 LSB
1
µs
DIGITAL
VIH
Logic 1 Input Voltage
DVDD-
20%
V
VIL
Logic 0 Input Voltage
20%*
DVDD
V
FCLK
Clock Frequency
400
kHz
RSDIN
SDIN Input Resistance
SCL, SDA, STD_REG
1
G
tS
Setup Time
40
ns
tH
Hold Time
40
ns
ISL24006


Similar Part No. - ISL24006IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24006IRZ INTERSIL-ISL24006IRZ Datasheet
438Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24006IRZ-T13 INTERSIL-ISL24006IRZ-T13 Datasheet
438Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24006IRZ-T7 INTERSIL-ISL24006IRZ-T7 Datasheet
438Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
More results

Similar Description - ISL24006IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24006 INTERSIL-ISL24006_06 Datasheet
438Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24002 INTERSIL-ISL24002 Datasheet
113Kb / 6P
   14-Channel Static TFT LCD Reference Voltage Generator with 1-Channel VCOM
July 14, 2008
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Renesas Technology Corp
ISL24858 RENESAS-ISL24858 Datasheet
199Kb / 2P
   15-Channel I2C Programmable TFT-LCD Reference Voltage Generator with Integrated EEPROM, and Ultra-Low Power Operation
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com