Selected language     English  ▼


C-10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. C-10
Description  Miniature LCD Display DigitalPanel Meters
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
DP-650 Series
ACCULEX •
1-888-472-6676
F ax 1-888-210-0119
accule x.com
7
Connections
Pin No.
Pin Name
Description
1
V+
+5V power supply
2
GND
Power supply ground
3
DP COM
Decimal point return
4
DP1
1XX.X (connect to DP COM to turn on)
5
DP2
1X.XX (connect to DP COM to turn on)
6
DP3
1.XXX (connect to DP COM to turn on)
7
INPUT(+)
Positive input signal
8
INPUT(-)
Negative input signal (see Technical Note 1)
9
NC
No connection required
10
HOLD
Hold last display (see Technical Note 2)
Dimensions
Specifications
Display
Digits
3½ (±1999 count)
Type
7-segment LCD
Digit Height
.39in (10mm)
Polarity Indication
Automatic - for neg input
Decimal Point
3 position selectable
Overrange Indication 1--- for positive, -1--- for negative
Other Features/Options
Display hold function
Signal Inputs
Configuration
Bipolar, differential
Full-Scale Input
±200mV, ±2V, ±20V
Input OffsetAdjustment Auto zero
Input Impedance
10M
Ω (±200mV), 1MΩ (other ranges)
Common Mode Range ±1VDC
Common Mode Rejection >86dB
Overrange Protection ±350VDC (±100 VDC for 200mV range)
Input Bias Current
1pA typical, 100pA max
Control Inputs
Decimal point select, hold function
Performance
Sampling Rate
3.3 readings/s
Accuracy ±(0.1% + 2 counts) typ, ±(0.2% + 2 counts) max
Warmup, typical
10 min
Temperature Drift, typical 100 ppm/°C
Power Supply Requirements
Supply Voltage
+5VDC ±5%
Supply Current, typical
3mA
Physical
Package Style
Snap-in bezel mount
Dimensions
2.30 x 1.10 x .71
Panel Cutout
2.22 x 1.04
Weight
0.7oz (20g)
Connector
C-10 (10-pin) optional
Bezel
Snap-in bezel included
Environmental Requirements
Operating Temperature 0 to 50°C
Storage Temperature
-10 to 60°C
Relative Humidity
0 to 95% non-condensing
inches (mm)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DP-650ALarge low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters 1 2 List of Unclassifed Manufacturers
LC75873NE1/3 Duty General-Purpose LCD Display Driver    1 2 3 4 5 MoreSanyo Semicon Device
ICM72114-Digit ICM7211 LCD and ICM7212 LED Display Drivers 1 2 3 4 5 MoreIntersil Corporation
NJU6854132COMMON x 132RGB LCD DRIVER FOR 65 536 - COLOR STN DISPLAY 1 2 3 4 5 MoreNew Japan Radio
LM8305STN LCD Display Bias Voltage source 1 National Semiconductor (TI)
LC75804E1/3 1/4 Duty LCD Display Drivers with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
LC75874E1/4-Duty General-Purpose LCD Display Driver 1 2 3 4 5 MoreSanyo Semicon Device
MAX1729ECB and LCD Display Bias Supply with Accurate Output Voltage and Temperature Compensation 1 2 3 4 5 MoreMaxim Integrated Products
1620BLED BACKLIGHT FOR LCD DISPLAY 1 Micro Electronics
HDG12864F-3128x64 GRAPHICS Chip-On-Glass Parallel interface LCD DISPLAY MODULE 1 2 3 4 5 MoreHantronix,Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl