Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59112 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL59112
Description  40MHz Rail-to-Rail Video Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59112 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL59112 Datasheet HTML 1Page - Intersil Corporation ISL59112 Datasheet HTML 2Page - Intersil Corporation ISL59112 Datasheet HTML 3Page - Intersil Corporation ISL59112 Datasheet HTML 4Page - Intersil Corporation ISL59112 Datasheet HTML 5Page - Intersil Corporation ISL59112 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FN6142.1
August 15, 2005
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage from VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to VS- -0.3V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +125°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = 3.3V, VS- = GND, TA = 25°C, RL = 150Ω to GND, unless otherwise specified
DESCRIPTION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VCC
Supply Voltage Range
2.5
3.6
V
IDD-ON
Quiescent Supply Current
VIN = 500mV, EN = VDD, no load
2
2.75
mA
IDD-OFF
Shutdown Supply Current
EN = 0V
3
µA
VOLS
Output Level Shift Voltage
VIN = 0V, no load
60
130
200
mV
VCLAMP
Input Voltage Clamp
IIN = -1mA
-40
-15
+10
mV
ICLAMP
Clamp Current
VIN = VCLAMP - 100mV
-6
-3
mA
IB
Input Bias Current
VIN = 500mV
2.5
5
7.5
µA
RIN
Input Resistance
0.5V < VIN < 1.0V
0.5
3
M
AV
Voltage Gain
RL = 150Ω
5.8
6.0
6.2
dB
ASAG
SAG Correction DC Gain to VOUT
SAG open
2.25
V/V
PSRR
DC Power Supply Rejection
VDD = 2.7V to 3.3V
43
63
dB
VOH
Output Voltage High Swing
VIN = 2V, RL = 150Ω to GND
2.85
3.2
V
ISC
Output Short-Circuit Current
VIN = 2V, to GND through 10Ω
-94
-65
mA
VIN = 100mV, out short to VDD through 10Ω
65
115
mA
IENABLE
Enable Current
Enable pin = 0V to 3.6V
-3
0
+3
µA
VIL
EN Logic Low Threshold
VDD = 2.7V to 3.3V
0.8
V
VIH
EN Logic High Threshold
VDD = 2.7V to 3.3V
1.6
V
ROUT
Shutdown Output Impedance
EN = 0V DC
3.6
4.5
5.9
k
EN = 0V, f = 4.5MHz
3.4
k
AC PERFORMANCE
BW
-3dB Bandwidth
RL = 150Ω CL = 5pF
40
MHz
BW
±0.1dB Bandwidth
RL = 150Ω, CL = 5pF
27
MHz
dG
Differential Gain
NTSC & PAL DC coupled
0.02
%
NTSC & PAL AC coupled
0.02
%
dP
Differential Phase
NTSC & PAL DC coupled
0.4
°
NTSC & PAL AC coupled
0.04
°
D/DT
Group Delay Variation
f = 100kHz, 5MHz
5.4
ns
SNR
Signal To Noise Ratio
100% white signal
65
dB
TON
Enable Time
VIN = 500mV, VOUT to 1%
570
ns
TOFF
Disable Time
VIN = 500mV, VOUT to 1%
14
ns
SR(Ih)
Positive Slew Rate
VIN = 1VSTEP, 10% - 90%
30
85
V/µs
ISL59112


Similar Part No. - ISL59112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59112 RENESAS-ISL59112 Datasheet
512Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Intersil Corporation
ISL59112IEZ-T7 INTERSIL-ISL59112IEZ-T7 Datasheet
254Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Renesas Technology Corp
ISL59112IEZ-T7 RENESAS-ISL59112IEZ-T7 Datasheet
512Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Intersil Corporation
ISL59112 INTERSIL-ISL59112_07 Datasheet
254Kb / 8P
   40MHz Rail-to-Rail Video Buffer
More results

Similar Description - ISL59112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59112 RENESAS-ISL59112 Datasheet
512Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Intersil Corporation
ISL59112 INTERSIL-ISL59112_07 Datasheet
254Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com