Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC1G14DFT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC1G14DFT1G
Description  Inverter with Schmitt-Trigger Input
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G14DFT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC1G14DFT1G Datasheet HTML 1Page - ON Semiconductor MC74HC1G14DFT1G Datasheet HTML 2Page - ON Semiconductor MC74HC1G14DFT1G Datasheet HTML 3Page - ON Semiconductor MC74HC1G14DFT1G Datasheet HTML 4Page - ON Semiconductor MC74HC1G14DFT1G Datasheet HTML 5Page - ON Semiconductor MC74HC1G14DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74HC1G14
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25_C
TA v 85_C
*55_C v TA v 125_C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VT+
Positive Threshold
Voltage
3.0
4.5
5.5
1.85
2.86
3.50
2.0
3.0
3.6
2.20
3.15
3.85
2.20
3.15
3.85
2.20
3.15
3.85
V
VT−
Negative Threshold
Voltage
3.0
4.5
5.5
0.9
1.35
1.65
1.5
2.3
2.9
1.65
2.46
3.05
0.9
1.35
1.65
0.9
1.35
1.65
V
VH
Hysteresis Voltage
3.0
4.5
5.5
0.30
0.40
0.50
0.57
0.67
0.74
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
V
VOH
Minimum High−Level
Output Voltage
VIN = VIH or VIL
IOH = −20 mA
2.0
3.0
4.5
6.0
1.9
2.9
4.4
5.9
2.0
3.0
4.5
6.0
1.9
2.9
4.4
5.9
1.9
2.9
4.4
5.9
V
VIN v VT *Min
IOH = *2 mA
IOH = *2.6 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
4.08
5.58
VOL
Maximum Low−Level
Output Voltage
VIN ≥ VT )Max
IOL = 20 mA
2.0
3.0
4.5
6.0
0.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 2 mA
IOL = 2.6 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
0.40
0.40
IIN
Maximum Input
Leakage Current
VIN = 6.0 V or GND
6.0
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
6.0
1.0
10
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 6.0 ns)
TA = 25_C
TA v 85_C
*55_C v TA v 125_C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum
Propagation Delay,
Input A or B to Y
VCC = 5.0 V
CL = 15 pF
3.5
15
20
25
ns
VCC = 2.0 V
CL = 50 pF
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
19
10.5
7.5
6.5
100
27
20
17
125
35
25
21
155
90
35
26
tTLH,
tTHL
Output Transition
Time
VCC = 5.0 V
CL = 15 pF
3
10
15
20
ns
VCC = 2.0 V
CL = 50 pF
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
25
16
11
9
125
35
25
21
155
45
31
26
200
60
38
32
CIN
Maximum Input
Capacitance
5
10
10
10
pF
Typical @ 25
_C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Note 6)
10
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74HC1G14DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14DFT1G ONSEMI-MC74HC1G14DFT1G Datasheet
123Kb / 6P
   Single Inverter with Schmitt-Trigger Input
March, 2014 ??Rev. 12
MC74HC1G14DFT1G ONSEMI-MC74HC1G14DFT1G Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
MC74HC1G14DFT1G ONSEMI-MC74HC1G14DFT1G Datasheet
248Kb / 10P
   Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
MC74HC1G14DFT1G-F22038 ONSEMI-MC74HC1G14DFT1G-F22038 Datasheet
248Kb / 10P
   Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
More results

Similar Description - MC74HC1G14DFT1G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
HD74LV1GT14A RENESAS-HD74LV1GT14A_15 Datasheet
139Kb / 9P
   Inverter with Schmitt-trigger Input /
HD74HCT1G14 RENESAS-HD74HCT1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
logo
ON Semiconductor
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
MC74HC1G14 ONSEMI-MC74HC1G14_18 Datasheet
172Kb / 9P
   Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com