Electronic Components Datasheet Search |
|
ISL83080EIB-T Datasheet(PDF) 7 Page - Intersil Corporation |
|
ISL83080EIB-T Datasheet(HTML) 7 Page - Intersil Corporation |
7 / 18 page 7 FN6085.6 September 12, 2005 Driver Disable from Output High tHZ RL = 500Ω, CL = 15pF, SW = GND (Figure 3) Full - 38 100 ns Time to Shutdown tSHDN (Notes 9, 12) Full 60 160 600 ns Driver Enable from Shutdown to Output High tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 3), (Notes 9, 10) Full - 260 1500 ns Driver Enable from Shutdown to Output Low tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 3), (Notes 9, 10) Full - 155 1500 ns DRIVER SWITCHING CHARACTERISTICS (10Mbps Versions; ISL83086E, ISL83088E) Driver Differential Output Delay tPLH, tPHL RDIFF = 54Ω, CL = 100pF (Figure 2) Full - 20 60 ns Driver Differential Output Skew tSKEW RDIFF = 54Ω, CL = 100pF (Figure 2) Full - 1 10 ns Driver Differential Rise or Fall Time tR, tF RDIFF = 54Ω, CL = 100pF (Figure 2) Full - 13 25 ns Maximum Data Rate fMAX CD = 470pF (Figure 4, Note 12) Full 10 15 - Mbps Driver Enable to Output High tZH RL = 500Ω, CL = 100pF, SW = GND (Figure 3), (Note 7) Full - 35 150 ns Driver Enable to Output Low tZL RL = 500Ω, CL = 100pF, SW = VCC (Figure 3), (Note 7) Full - 30 150 ns Driver Disable from Output Low tLZ RL = 500Ω, CL = 15pF, SW = VCC (Figure 3) Full - 66 100 ns Driver Disable from Output High tHZ RL = 500Ω, CL = 15pF, SW = GND (Figure 3) Full - 38 100 ns Time to Shutdown tSHDN (Notes 9, 12) Full 60 160 600 ns Driver Enable from Shutdown to Output High tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 3), (Notes 9, 10) Full - 115 250 ns Driver Enable from Shutdown to Output Low tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 3), (Notes 9, 10) Full - 84 250 ns RECEIVER SWITCHING CHARACTERISTICS (115kbps and 500kbps Versions; ISL83080E-ISL83085E) Maximum Data Rate fMAX (Figure 5, Note 12) Full 0.5 10 - Mbps Receiver Input to Output Delay tPLH, tPHL (Figure 5) Full - 100 150 ns Receiver Skew | tPLH - tPHL |tSKD (Figure 5) Full - 7 10 ns Receiver Enable to Output Low tZL RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6), (Note 8) Full - 10 50 ns Receiver Enable to Output High tZH RL = 1kΩ, CL = 15pF, SW = GND (Figure 6), (Note 8) Full - 10 50 ns Receiver Disable from Output Low tLZ RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6) Full - 10 50 ns Receiver Disable from Output High tHZ RL = 1kΩ, CL = 15pF, SW = GND (Figure 6) Full - 10 50 ns Time to Shutdown tSHDN (Notes 9, 12) Full 60 160 600 ns Receiver Enable from Shutdown to Output High tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 6), (Notes 9, 11) Full - 150 2000 ns Receiver Enable from Shutdown to Output Low tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6), (Notes 9, 11) Full - 150 2000 ns RECEIVER SWITCHING CHARACTERISTICS (10Mbps Versions; ISL83086E, ISL83088E) Maximum Data Rate fMAX (Figure 5, Note 12) Full 10 15 - Mbps Receiver Input to Output Delay tPLH, tPHL (Figure 5) Full - 70 125 ns Receiver Skew | tPLH - tPHL |tSKD (Figure 5) Full - 0 10 ns Receiver Enable to Output Low tZL RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6), (Note 8) Full - 10 30 ns Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = 25°C (Note 4) (Continued) PARAMETER SYMBOL TEST CONDITIONS TEMP (°C) MIN TYP MAX UNITS ISL83080E, ISL83082E, ISL83083E, ISL83085E, ISL83086E, ISL83088E |
Similar Part No. - ISL83080EIB-T |
|
Similar Description - ISL83080EIB-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |