Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMF05MC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GMF05MC
Description  Low Capacitance ESD Protection Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GMF05MC Datasheet(HTML) 4 Page - Vishay Siliconix

  GMF05MC Datasheet HTML 1Page - Vishay Siliconix GMF05MC Datasheet HTML 2Page - Vishay Siliconix GMF05MC Datasheet HTML 3Page - Vishay Siliconix GMF05MC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.vishay.com
4
Document Number 85855
Rev. 1.1, 02-Mar-05
VISHAY
GMF05MC
Vishay Semiconductors
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and
operatingsystems with respect to their impact on the health and safety of our employees and the public, as
well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use
of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423


Similar Part No. - GMF05MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05C VISHAY-GMF05C Datasheet
142Kb / 4P
   ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
GMF05C-GS08 VISHAY-GMF05C-GS08 Datasheet
142Kb / 4P
   ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
GMF05C-HS3 VISHAY-GMF05C-HS3 Datasheet
282Kb / 8P
   5-Line ESD Protection Diode Array in LLP75-6A
Rev. 1.8, 23-Sep-08
GMF05C-HS3-GS08 VISHAY-GMF05C-HS3-GS08 Datasheet
282Kb / 8P
   5-Line ESD Protection Diode Array in LLP75-6A
Rev. 1.8, 23-Sep-08
GMF05C-HSF VISHAY-GMF05C-HSF Datasheet
169Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.7, 02-May-17
More results

Similar Description - GMF05MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
   LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
Littelfuse
SC7538-08UTG LITTELFUSE-SC7538-08UTG Datasheet
651Kb / 6P
   0.3pF Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
AQ7538-08UTG LITTELFUSE-AQ7538-08UTG Datasheet
614Kb / 5P
   0.3pF Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
   Low Capacitance ESD protection array
2009-08-20
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com