Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJD5304DTF Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJD5304DTF
Description  High Voltage Fast Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJD5304DTF Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJD5304DTF Datasheet HTML 1Page - Fairchild Semiconductor FJD5304DTF Datasheet HTML 2Page - Fairchild Semiconductor FJD5304DTF Datasheet HTML 3Page - Fairchild Semiconductor FJD5304DTF Datasheet HTML 4Page - Fairchild Semiconductor FJD5304DTF Datasheet HTML 5Page - Fairchild Semiconductor FJD5304DTF Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.fairchildsemi.com
FJD5304D Rev. A
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 1mA, IE = 0
700
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 5mA, IB = 0
400
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
12
V
ICES
Collector Cut-off Current
VCB = 700V, IE = 0
100
µA
ICEO
Collector Cut-off Current
VCB = 400V, IB = 0
250
µA
IEBO
Emitter Cut-off Current
VEB = 12V, IC = 0
1
mA
hFE
DC Current Gain
VCE = 5V, IC = 10mA
VCE = 5V, IC = 2.0A
10
840
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 0.5A, IB = 0.1A
0.7
V
IC = 1.0A, IB = 0.2A
1.0
V
IC = 2.5A, IB = 0.5A
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 0.5A, IB = 0.1A
1.1
V
IC = 1.0A, IB = 0.2A
1.2
V
IC = 2.5A, IB = 0.5A
1.3
V
tSTG
Storage Time
VCLAMP=200V, IC=2.0A
IB1=0.4A, VBE(off)=-5V, L=200µH
0.6
µs
tF
Fall Time
0.1
µs
tSTG
Storage Time
VCC=250V, IC=2.0A
IB1=0.4A, IB2=-0.4A, TP=30µs
2.9
µs
tF
Fall Time
0.2
µs


Similar Part No. - FJD5304DTF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FJD5304D ISC-FJD5304D Datasheet
283Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
FJD5304D FAIRCHILD-FJD5304D_10 Datasheet
231Kb / 6P
   High Voltage Fast Switching Transistor
More results

Similar Description - FJD5304DTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJU5304D FAIRCHILD-FJU5304D Datasheet
152Kb / 6P
   High Voltage Fast Switching Transistor
KSC5030F FAIRCHILD-KSC5030F_05 Datasheet
143Kb / 6P
   High Voltage Fast Switching Transistor
FJP5554 FAIRCHILD-FJP5554 Datasheet
172Kb / 6P
   High Voltage Fast Switching Transistor
FJD5304D FAIRCHILD-FJD5304D_10 Datasheet
231Kb / 6P
   High Voltage Fast Switching Transistor
logo
Comset Semiconductor
BUX48C COMSET-BUX48C Datasheet
78Kb / 3P
   HIGH VOLTAGE FAST-SWITCHING POWER TRANSISTOR
logo
Seme LAB
BUL98B SEME-LAB-BUL98B Datasheet
25Kb / 2P
   HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
logo
Comset Semiconductor
BUX48A COMSET-BUX48A Datasheet
81Kb / 3P
   HIGH VOLTAGE FAST-SWITCHING POWER TRANSISTOR
logo
Fairchild Semiconductor
BU806 FAIRCHILD-BU806 Datasheet
41Kb / 4P
   High Voltage & Fast Switching Darlington Transistor
logo
STMicroelectronics
THD215HI STMICROELECTRONICS-THD215HI Datasheet
65Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2310DHI STMICROELECTRONICS-ST2310DHI Datasheet
247Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com