Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJN598JC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJN598JC
Description  Capacitor Microphone Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJN598JC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJN598JC Datasheet HTML 1Page - Fairchild Semiconductor FJN598JC Datasheet HTML 2Page - Fairchild Semiconductor FJN598JC Datasheet HTML 3Page - Fairchild Semiconductor FJN598JC Datasheet HTML 4Page - Fairchild Semiconductor FJN598JC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, November 2002
Typical Characteristics
Figure 1. ID-VDS
Figure 2. ID-VDS
Figure 3. ID-VGS
Figure 4.
y
FS
-I
DSS
Figure 5. VGS(off)-IDSS
Figure 6. CISS-VDS
0123
4567
89
10
0
50
100
150
200
250
300
350
400
450
500
V
GS = -0.3V
I
DSS = 200µA
V
GS = 0
V
GS = -0.1V
V
GS = -0.2V
V
GS = -0.4V
V
DS[V], DRAIN-SOURCE VOLTAGE
01
234
567
89
10
0
100
200
300
400
500
600
700
800
900
1000
VGS = -0.6V
VGS = -0.5V
VDS[V], DRAIN-SOURCE VOLTAGE
IDSS = 500
µA
VGS = -0.4V
VGS = -0.3V
VGS = -0.2V
VGS = -0.1V
VGS = 0
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VDS = 5V
VGS[V], GATE-SOURCE VOLTAGE
0.1
1
0.1
1
10
V
DS = 5V
V
GS = 0
f=1kHz
I
DSS[mA], DRAIN CURRENT
0.1
1
0.1
1
10
-
-
-
VDS = 5V
ID = 1
µA
IDSS[mA], DRAIN CURRENT
110
1
10
100
VDS[V], DRAIN-SOURCE VOLTAGE


Similar Part No. - FJN598JC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN5471 FAIRCHILD-FJN5471 Datasheet
94Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
Foshan Blue Rocket Elec...
FJN5471 FOSHAN-FJN5471 Datasheet
915Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results

Similar Description - FJN598JC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TF212 UTC-TF212_15 Datasheet
163Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
UTCK596 UTC-UTCK596 Datasheet
67Kb / 2P
   CAPACITOR MICROPHONE APPLICATIONS
logo
Sanyo Semicon Device
2SK596 SANYO-2SK596 Datasheet
436Kb / 6P
   CAPACITOR MICROPHONE APPLICATIONS
logo
Fairchild Semiconductor
FJX597JBTF FAIRCHILD-FJX597JBTF Datasheet
59Kb / 5P
   Capacitor Microphone Applications
logo
Sanyo Semicon Device
2SK377 SANYO-2SK377 Datasheet
511Kb / 5P
   CAPACITOR MICROPHONE APPLICATIONS
logo
Fairchild Semiconductor
KSK595HMTF FAIRCHILD-KSK595HMTF Datasheet
70Kb / 5P
   Capacitor Microphone Applications
FJX597JHTF FAIRCHILD-FJX597JHTF Datasheet
59Kb / 5P
   Capacitor Microphone Applications
logo
Unisonic Technologies
K596 UTC-K596 Datasheet
76Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
K596 UTC-K596_08 Datasheet
76Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
logo
Fairchild Semiconductor
FJX597JH FAIRCHILD-FJX597JH Datasheet
53Kb / 5P
   Capacitor Microphone Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com