Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE Datasheet(PDF) 4 Page - Littelfuse

Part # 1.5KE
Description  Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1.5KE Datasheet(HTML) 4 Page - Littelfuse

  1.5KE Datasheet HTML 1Page - Littelfuse 1.5KE Datasheet HTML 2Page - Littelfuse 1.5KE Datasheet HTML 3Page - Littelfuse 1.5KE Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Silicon Avalanche Diodes
297
www .littelfuse .com
6
1500 Watt Axial Leaded Transient Voltage Suppressors
®
Outline Dimensions
0.210 (5.3)
0.190 (4.8)
DIA.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
MIN.
0.042 (1.07)
0.038 (0.96)
DIA.
Case Style 1.5KE
(DO-201)
Dimensions in inches and (millimeters)
1.5KE Series
RoHS


Similar Part No. - 1.5KE

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Shanghai Yint Electroni...
1.5KE YINT-1.5KE Datasheet
682Kb / 5P
   1.5KE Transient Voltage Suppressor Diode Series
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
SEMTECH ELECTRONICS LTD...
1.5KE SEMTECH_ELEC-1.5KE Datasheet
528Kb / 4P
   Plastic package has UL flammability Classification 94V-0
logo
Vishay Siliconix
1.5KE VISHAY-1.5KE Datasheet
113Kb / 6P
   TRANSZORB Transient Voltage Suppressors
30-Oct-02
More results

Similar Description - 1.5KE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
SA5.0A LITTELFUSE-SA5.0A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
15KE68 LITTELFUSE-15KE68 Datasheet
92Kb / 3P
   1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
SLD16U-017 LITTELFUSE-SLD16U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com