Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1LS109 Datasheet(PDF) 2 Page - Littelfuse

Part # 1LS109
Description  Semiconductor Fuse Blocks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1LS109 Datasheet(HTML) 2 Page - Littelfuse

  1LS109 Datasheet HTML 1Page - Littelfuse 1LS109 Datasheet HTML 2Page - Littelfuse 1LS109 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
132
Semiconductor Fuse Blocks
SPECIFICATIONS
Voltage Rating: 600 Volts
Ampere Range: 1 – 600 amperes
Approvals: UL Recognized under the components program
Insulator Base: 150° C general purpose phenolic
Box Lug Terminal: Tin plated aluminum
ORDERING INFORMATION
Littelfuse’s 1LS series modular style semiconductor fuse
blocks accommodate a wide range of semiconductor fuses.
Blocks are provided in pairs with fuse mounting hardware.
I
2-piece modular design
I
General purpose phenolic base
I
Tin plated aluminum box lugs
I
Dove-tailed interlocking feature (1LS101 only)
I
Hex-head bolts and Belleville washers provided
DIMENSIONS
Littelfuse
Ampere
Wire
Torque
Approvals
Catalog No. Rating
Range
Rating
1LS101
100A
#2/0 - 14 CU/AL
120 IN. LBS. UL Recognized
1LS102
400A
250MCM - #6 CU/AL 275 IN. LBS. UL Recognized
1LS103
400A
250MCM - #6 CU/AL 275 IN. LBS. UL Recognized
1LS104
600A
500MCM - #6 CU/AL 375 IN. LBS. UL Recognized
1LS108
400A
250MCM - #6 CU/AL 275 IN. LBS. Self-Certified
1LS109
400A
250MCM - #6 CU/AL 275 IN. LBS. Self-Certified
1LS110
400A
250MCM - #6 CU/AL 275 IN. LBS. Self-Certified
1LS101
1LS102
Dimensions for reference only.
NEW


Similar Part No. - 1LS109

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
1LS1-J HONEYWELL-1LS1-J Datasheet
53Kb / 1P
   SWITCH-ENCLOSED
More results

Similar Description - 1LS109

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
FWP-5B CLAIREX-FWP-5B Datasheet
34Kb / 2P
   Semiconductor Fuse
logo
Littelfuse
02980900Z LITTELFUSE-02980900Z Datasheet
57Kb / 1P
   FUSE BLOCKS
03500418Z LITTELFUSE-03500418Z Datasheet
57Kb / 1P
   FUSE BLOCKS
logo
Eaton All Rights Reserv...
S-8000 EATON-S-8000 Datasheet
259Kb / 2P
   Fuse blocks
logo
Cooper Bussmann, Inc.
BG3011SQ COOPER-BG3011SQ Datasheet
258Kb / 3P
   Open fuse blocks
170H3003 COOPER-170H3003 Datasheet
59Kb / 1P
   Fuse Bases (Blocks)
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
   Fuse Bases (Blocks)
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com