Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70P00000Z Datasheet(PDF) 1 Page - Littelfuse

Part # 70P00000Z
Description  Alarm Indicating Fuse
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

70P00000Z Datasheet(HTML) 1 Page - Littelfuse

  70P00000Z Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
Consult Littelfuse web site for more information
www .littelfuse .com
Electr onic
Over curr ent
Pr otection
20
Consult Littelfuse web site for more information
www .littelfuse .com
Ordering Information
10 Minute
Catalog
System
Color
Rating
Number
Number
Code
100mA
70P
70P00000Z
Grey/White
150mA
70R
70R00000Z
Red/White
180mA
70E
70E00000Z
Yellow
200mA
70X
70X00000Z
Black
250mA
70F
70F00000Z
Violet
250mA
70K
70K00000Z
Violet/White
350mA
70S
70S00000Z
Gray
500mA
70G
70G00000Z
Red
750mA
70H
70H00000Z
Brown
1.33A
70A
70A00000Z
White
2A
70B
70B00000Z
Orange
3A
70C
70C00000Z
Blue
3.5A
70J
70J00000Z
Black/White
5A
70D
70D00000Z
Green/Black
8A
70M
70M00000Z
Tan/White
10A
70N
70N00000Z
Yellow/Purple
The 70 Series alarm indicating fuses are
designed for use in telecommunications
equipment. A color-coded tip provides
visual identification of the ampere rating
and the fuse status.
Features
Color coded tip
Rated 125 VAC, 300 VDC
Specifications
Approvals:
UL Recognized
Interrupting Ratings:
1000 amperes @ 125 VAC
1000 amperes @ 300 VDC
Electr onic
Over curr ent
Pr otection
Alarm Indicating Fuse
70 Series
Specifications
Approvals:
UL Recognized, CSA Certified
Short Circuit Capabilities
(UL 1459/UL 1950 3rd ed.)
40 amperes @ 600 VAC
7 amperes @ 600 VAC
2.2 amperes @ 600 VAC
Interrupting Ratings:
50 amperes @ 250 VAC
Materials:
Body:
Ceramic
Terminators:
Silver-plated brass caps
Ordering Information
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating
(Cold
Ω)(A2 Sec.)
0461 .500
1/2
250
.56
.84
0461 1.25
1-1/4
250
.110
16.54
4 I2 t is calculated at 10 msec or less. I2 t at 10 times rated current has a typical value of 22 A2sec (1.25A).
Features
Surface mount overcurrent protection
from lightning and power cross
Meets UL1459/1950 power cross
requirements stand alone
Ideal for use in telecommunications
equipment including modems,
fax machines, desktop phones,
answering machines and line cards
Complies with Bellcore GR-1089-CORE
and FCC 47 Part 68 surge specifications
Telecom Surface Mount Fuse
NANO2
®
461 Series
Electrical Specifications
% of Ampere
Opening Time
Rating
Minimum / Maximum
100
4 hrs. / —
250
1 sec. /120 sec.
LF 1.25A T
3.43
(.135")
3.25
(.128")
3.12
(.123")
3.12
(.123")
10.10
(.397")
6.10
(.240")
12.6
(.496")
Dimensions
Environmental/Lightning Surge Requirements
Source
Duration/
Surge
Repetitions
Rating
Standard/
Voltage
Wave Form
Current
(Each
for Compliance
Test
(Vpk)
(µSec.)
(A)
Polarity)
Stand Alone3
GR-1089 1st Level
600
10 x 1000
100
25
1.25A
1000
10 x 360
100
25
1.25A
1000
10 x 1000
100
25
1.25A
2500
2 x 10
500
10
1.25A
1000
10 x 360
25
5
0.5, 1.25A
GR-1089 2nd Level
5000
2 x 10
500
1
1.25A
FCC 47 Part 68
800
10 x 560
100
1
1.25A
Type A Metallic
FCC 47 Part 68
1500
10 x 160
200
1
1.25A
Type A Longitudinal
FCC 47 Part 68
1000
voltage 9 x 720
25
1
0.5, 1.25A
Type B Metallic
current 5 x 320
FCC 47 Part 68
1500
voltage 9 x 720
37.5
1
0.5, 1.25A
Type B Longitudinal
current 5 x 320
3Additional series resistance used in conjunction with the fuse may allow compliance by fuse ratings not listed.
Overvoltage/AC Power Fault (Power Cross) Requirements:
The most severe tests are listed, Telecom Nano2 will pass lower level test as well.
Source
Surge
Rating
Standard/
Voltage
Current
for Compliance
Test
(VAC)
(A)
Duration
Stand Alone2
GR-1089
1000
5
0.5 sec.
1.25A
GR-1089
600
601
5 sec.
1.25A
UL 1950 3rd Edition
600
40
1.5 sec.
0.5, 1.25A
GR-1089
600
7
5 sec.
0.5, 1.25A
UL 1950 3rd Edition
GR-1809
100-600
2.2
30 min.
0.5, 1.25A
UL 1950 3rd Edition
GR-1809
277
25
15 min.
0.5, 1.25A
UL 1950 3rd Edition
120
25
30 min.
0.5, 1.25A
1The 1.25 rating is designed to enable equipment compliance with GR-1089. Application testing is strongly
recommended as actual application and compliance testing will produce random closing angle surge conditions.
Actual circuit resistance may enhance equipment performance under surge conditions.
2See UL 1950 for test procedures for fuses and testing at 135%.


Similar Part No. - 70P00000Z

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
70P-JMDSS-G-1-TF JST-70P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
logo
Teridian Semiconductor ...
70P2352-IGT TERIDIAN-70P2352-IGT Datasheet
760Kb / 42P
   Dual Channel OC-3/ STM1-E/ E4 LIU
70P2352-IGT/F TERIDIAN-70P2352-IGT/F Datasheet
760Kb / 42P
   Dual Channel OC-3/ STM1-E/ E4 LIU
70P2352-IGTR TERIDIAN-70P2352-IGTR Datasheet
760Kb / 42P
   Dual Channel OC-3/ STM1-E/ E4 LIU
logo
Renesas Technology Corp
70P244L40BYGI RENESAS-70P244L40BYGI Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
More results

Similar Description - 70P00000Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0481003.HXLP LITTELFUSE-0481003.HXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481005.HXLP LITTELFUSE-0481005.HXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481010.VXLP LITTELFUSE-0481010.VXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
048103.5HXP LITTELFUSE-048103.5HXP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481.180HXL LITTELFUSE-0481.180HXL Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481.200H LITTELFUSE-0481.200H Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481.250H LITTELFUSE-0481.250H Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481.375HXL LITTELFUSE-0481.375HXL Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481.500HXL LITTELFUSE-0481.500HXL Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
04811.33HXL LITTELFUSE-04811.33HXL Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com