Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3200 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3200
Description  32.768 kHz Clock Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3200 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3200 Datasheet HTML 1Page - Integrated Circuit Systems MK3200 Datasheet HTML 2Page - Integrated Circuit Systems MK3200 Datasheet HTML 3Page - Integrated Circuit Systems MK3200 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK3200
32.768 kHz Clock Oscillator
MDS 3200 C
1
Revision 101001
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA • 95126• (408)295-9800tel • www.icst.com
Block Diagram
Description
Features
The MK3200 is ICS’ lowest cost, low power clock
oscillator that generates a low power 32.768 kHz
output from an inexpensive 32.768 kHz watch crystal.
This part includes a power down pin and allows you to
tri state the output clock for in-circuit testing.
ICS manufactures the largest variety of clock
synthesizers for all applications. If more clock outputs
are needed, including MHz frequencies, see the
MK32xx family of parts. Consult ICS to eliminate
VCXOs, crystals and oscillators from your board.
• Packaged in 8 pin SOIC
• Operates from 2.5 V to 5 V
• Consumes only 3.5 µA in normal operation
• Accepts an inexpensive 32.768 kHz crystal input
• Offers power down mode
• Includes an Output Enable pin to tri state
the output for in-circuit testing
• Advanced, low power, sub-micron CMOS process
• For other 32.768 kHz-based clocks with MHz
outputs, please consult ICS
• Industrial temperature version available
Crystal
Oscillator
32.768 kHz
crystal
X1
X2
Power Down
Output
Buffer
32.768 kHz Clock
Output Enable
VDD
GND


Similar Part No. - MK3200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
More results

Similar Description - MK3200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
logo
List of Unclassifed Man...
ECS-327SMO ETC1-ECS-327SMO Datasheet
54Kb / 1P
   32.768 KHz SMD CLOCK OSCILLATOR
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7 Datasheet
379Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7 Datasheet
279Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com