Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3200S Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK3200S
Description  32.768 kHz Clock Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3200S Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK3200S Datasheet HTML 1Page - Integrated Circuit Systems MK3200S Datasheet HTML 2Page - Integrated Circuit Systems MK3200S Datasheet HTML 3Page - Integrated Circuit Systems MK3200S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK3200
32.768 kHz Clock Oscillator
MDS 3200 C
2
Revision 101001
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA • 95126• (408)295-9800tel • www.icst.com
Pin Descriptions
Pin Assignment
Number
Name
Description
1
X1
Crystal connection. Connect to a 32.768 kHz crystal.
2
VDD
VDD. Connect to + 3.3 V.
3
GND
Connect to ground.
4
32.768K
32.768 kHz clock output.
5
OE
Output Enable.
6
PD
Power Down. Turns off entire chip when high.
7
GND
Connect to ground.
8
X2
Crystal connection. Connect to a 32.768 kHz crystal.
8 pin (150 mil) SOIC
MK3200
18
2
3
4
7
6
5
X2
X1
GND
VDD
OE
32.768K
GND
PD
P D
32.768K
Oscillator
0On
On
1
Low
Off
Power Down Select Table
OE
32.768K
Oscillator
0
Tri state (Hi-Z)
On
1On
On
Output Enable Select Table
0 = connect directly to GND
1 = connect directly to VDD


Similar Part No. - MK3200S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
More results

Similar Description - MK3200S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
logo
List of Unclassifed Man...
ECS-327SMO ETC1-ECS-327SMO Datasheet
54Kb / 1P
   32.768 KHz SMD CLOCK OSCILLATOR
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7 Datasheet
379Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7 Datasheet
279Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com