Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC390AN Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC390AN
Description  Dual 4-Stage Binary Ripple Counter with 첨2 and 첨5 Sections
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC390AN Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC390AN Datasheet HTML 1Page - ON Semiconductor MC74HC390AN Datasheet HTML 2Page - ON Semiconductor MC74HC390AN Datasheet HTML 3Page - ON Semiconductor MC74HC390AN Datasheet HTML 4Page - ON Semiconductor MC74HC390AN Datasheet HTML 5Page - ON Semiconductor MC74HC390AN Datasheet HTML 6Page - ON Semiconductor MC74HC390AN Datasheet HTML 7Page - ON Semiconductor MC74HC390AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74HC390A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Unit
Guaranteed Limit
VCC
V
Test Conditions
Parameter
Symbol
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
Iin
Maximum Input Leakage
Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
6.0
4
40
160
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book
(DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tf = tf = 6 ns)
Guaranteed Limit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 3)
2.0
3.0
4.5
6.0
10
15
30
50
9
14
28
45
8
12
25
40
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock A to QA
(Figures 1 and 3)
2.0
3.0
4.5
6.0
70
40
24
20
80
45
30
26
90
50
36
31
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock A to QC
(QA connected to Clock B)
(Figures 1 and 3)
2.0
3.0
4.5
6.0
200
160
58
49
250
185
65
62
300
210
70
68
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock B to QB
(Figures 1 and 3)
2.0
3.0
4.5
6.0
70
40
26
22
80
45
33
28
90
50
39
33
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock B to QC
(Figures 1 and 3)
2.0
3.0
4.5
6.0
90
56
37
31
105
70
46
39
180
100
56
48
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock B to QD
(Figures 1 and 3)
2.0
3.0
4.5
6.0
70
40
26
22
80
45
33
28
90
50
39
33
ns
tPHL
Maximum Propagation Delay, Reset to any Q
(Figures 2 and 3)
2.0
3.0
4.5
6.0
80
48
30
26
95
65
38
33
110
75
44
39
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
15
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
1. For propagation delays with loads other than 50 pF, see Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book (DL129/D).
2. Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Counter)*
35
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC390AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC390AN ONSEMI-MC74HC390AN Datasheet
127Kb / 10P
   Dual 4?뭆tage Binary Ripple Counter with /2and /5 Sections High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC390ANG ONSEMI-MC74HC390ANG Datasheet
127Kb / 10P
   Dual 4?뭆tage Binary Ripple Counter with /2and /5 Sections High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
More results

Similar Description - MC74HC390AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC54-74HC390 ONSEMI-MC54-74HC390 Datasheet
216Kb / 8P
   Dual 4-Stage Binary Ripple Counter with 첨2 and 첨5 Sections
REV 6
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
System Logic Semiconduc...
SL74HC393 SLS-SL74HC393 Datasheet
50Kb / 7P
   Dual 4-Stage Binary Ripple Counter
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
   Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC393A ONSEMI-MC74HC393A_14 Datasheet
120Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com