Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3200SI Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK3200SI
Description  32.768 kHz Clock Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3200SI Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK3200SI Datasheet HTML 1Page - Integrated Circuit Systems MK3200SI Datasheet HTML 2Page - Integrated Circuit Systems MK3200SI Datasheet HTML 3Page - Integrated Circuit Systems MK3200SI Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK3200
32.768 kHz Clock Oscillator
MDS 3200 C
3
Revision 101001
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA • 95126• (408)295-9800tel • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note
te 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
-40
85
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V
V unless noted)
Operating Voltage, VDD
2.375
5.250
V
Output High Voltage, VOH
IOH=-3mA
2.4
V
Output Low Voltage, VOL
IOL=3mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-1.5mA
VDD-0.4
V
Operating Supply Current, IDD, PD=0, OE=1 No Load
3.5
µA
Short Circuit Current
±6
mA
AC CHARACTERISTICS (VDD = 3.3 V
V unless noted)
Input Crystal Frequency
32.768
kHz
Input Crystal Accuracy
±30
ppm
Output Clock Rise Time
0.8 to 2.0V
8
ns
Output Clock Fall Time
2.0 to 0.8V
8
ns
Output Clock Duty Cycle
At VDD/2
40
50
60
%
Electrical Specifications
Notes: 1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the
device. Prolonged exposure to levels above the operating limits but below the Absolute Maximums may affect
device reliability.
External Components
The MK3200 requires a minimum number of external components for proper operation. A decoupling capacitor of
0.01µF should be connected between VDD and GND on pins 2 and 3, as close to the MK3200 as possible. A series
termination resistor of 33
Ω may be used for the clock output if the trace is longer than a few inches. The input crystal
must be connected as close to the chip as possible. The input crystal should be a parallel mode watch crystal with 12
pF load capacitance.


Similar Part No. - MK3200SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
More results

Similar Description - MK3200SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
logo
List of Unclassifed Man...
ECS-327SMO ETC1-ECS-327SMO Datasheet
54Kb / 1P
   32.768 KHz SMD CLOCK OSCILLATOR
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7 Datasheet
379Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7 Datasheet
279Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com