Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC393AN Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC393AN
Description  Dual 4-Stage Binary Ripple Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC393AN Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC393AN Datasheet HTML 1Page - ON Semiconductor MC74HC393AN Datasheet HTML 2Page - ON Semiconductor MC74HC393AN Datasheet HTML 3Page - ON Semiconductor MC74HC393AN Datasheet HTML 4Page - ON Semiconductor MC74HC393AN Datasheet HTML 5Page - ON Semiconductor MC74HC393AN Datasheet HTML 6Page - ON Semiconductor MC74HC393AN Datasheet HTML 7Page - ON Semiconductor MC74HC393AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74HC393A
http://onsemi.com
5
PIN DESCRIPTIONS
INPUTS
Clock (Pins 1, 13)
Clock input. The internal flip–flops are toggled and the
counter state advances on high–to–low transitions of the
clock input.
CONTROL INPUTS
Reset (Pins 2, 12)
Active–high, asynchronous reset. A separate reset is
provided for each counter. A high at the Reset input prevents
counting and forces all four outputs low.
OUTPUTS
Q1, Q2, Q3, Q4 (Pins 3, 4, 5, 6, 8, 9, 10, 11)
Parallel binary outputs Q4 is the most significant bit.
SWITCHING WAVEFORMS
tPHL
VCC
GND
VCC
GND
50%
50%
50%
trec
CLOCK
Q
RESET
Figure 1.
Figure 2.
Figure 3. Test Circuit
Q1
Q2
Q3
Q4
CLOCK
RESET
1, 13
2, 12
3, 11
4, 10
5, 9
6, 8
EXPANDED LOGIC DIAGRAM
*Includes all probe and jig capacitance
CL*
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
CLOCK
Q
90%
90%
50%
10%
tf
tr
VCC
GND
tw
1/fmax
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
C
DQ
tw
Q
C
DQ
Q
C
DQ
Q
C
DQ
Q


Similar Part No. - MC74HC393AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC393AN ONSEMI-MC74HC393AN Datasheet
180Kb / 11P
   Dual 4?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
MC74HC393ANG ONSEMI-MC74HC393ANG Datasheet
180Kb / 11P
   Dual 4?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
More results

Similar Description - MC74HC393AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
System Logic Semiconduc...
SL74HC393 SLS-SL74HC393 Datasheet
50Kb / 7P
   Dual 4-Stage Binary Ripple Counter
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A_14 Datasheet
120Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com