Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5647A Datasheet(PDF) 4 Page - Littelfuse

Part # 1N5647A
Description  Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1N5647A Datasheet(HTML) 4 Page - Littelfuse

  1N5647A Datasheet HTML 1Page - Littelfuse 1N5647A Datasheet HTML 2Page - Littelfuse 1N5647A Datasheet HTML 3Page - Littelfuse 1N5647A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Silicon Avalanche Diodes
316
www .littelfuse .com
1N5647
1N5647A
1N5648
1N5648A
1N5649*
1N5649A*
1N5650
1N5650A
1N5651
1N5651A
1N5652
1N5652A
1N5653
1N5653A
1N5654
1N5654A
1N5655*
1N5655A*
1N5656*
1N5656A*
1N5657
1N5657A
1N5658
1N5658A
1N5659
1N5659A
1N5660*
1N5660A*
1N5661
1N5661A
1N5662
1N5662A
1N5663
1N5663A
1N5664
1N5664A
1N5665
1N5665A
Part
Number
Reverse
Stand Off
Voltage
VR
(Volts)
31.60
33.30
34.80
36.80
38.10
40.20
41.30
43.60
45.4
47.8
50.2
53.0
55.1
58.1
60.7
64.1
66.4
70.1
73.7
77.8
81.0
85.5
89.2
94.0
97.2
102.0
105.0
111.0
121.0
128.0
130.0
136.0
138.0
145.0
146.0
154.0
162.0
171.0
Breakdown
Voltage
VBR (Volts) @ IT
MIN
35.10
37.10
38.70
40.90
42.30
44.70
45.90
48.50
50.4
53.2
55.8
58.9
61.2
64.6
67.5
71.3
73.8
77.9
81.9
86.5
90.0
95.0
99.0
105.0
108.0
114.0
117.0
124.0
135.0
143.0
144.0
152.0
153.0
162.0
162.0
171.0
180.0
190.0
MAX
42.90
41.00
47.30
45.20
51.70
49.40
56.10
53.60
61.6
58.8
68.2
65.1
74.8
71.4
82.5
78.8
90.2
86.1
100.0
95.5
110.0
105.0
121.0
116.0
132.0
126.0
143.0
137.0
165.0
158.0
176.0
168.0
187.0
179.0
198.0
189.0
220.0
210.0
(mA)
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Maximum
Reverse
Leakage
IR @ VR
(µA)
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
56.4
53.9
61.9
59.3
67.8
64.8
73.5
70.1
80.5
77.0
89.0
85.0
98.0
92.0
108.0
103.0
118.0
113.0
131.0
125.0
144.0
137.0
158.0
152.0
173.0
165.0
187.0
179.0
215.0
207.0
230.0
219.0
244.0
234.0
258.0
246.0
287.0
274.0
Maximum
Peak Pulse
Current
IPP
(A)
26.5
28.0
24.0
25.3
22.2
23.2
20.4
21.4
18.6
19.5
16.9
17.7
15.3
16.3
13.9
14.6
12.7
13.3
11.4
12.0
10.4
11.0
9.5
9.9
8.7
9.1
8.0
8.4
7.0
7.2
6.5
6.8
6.2
6.4
5.8
6.1
5.2
5.5
Max
Voltage
Temperature
Variation
of VBR (mV/°C)
39.0
36.0
46.0
44.0
50.0
48.0
55.0
51.0
58.0
56.0
65.0
62.0
71.0
69.0
80.0
76.0
90.0
86.0
99.0
94.0
109.0
104.0
120.0
115.0
131.0
125.0
142.0
136.0
164.0
157.0
175.0
167.0
186.0
188.0
197.0
188.0
219.0
209.0
Suffix ‘A’ denotes 5% tolerance device, no suffix denotes a 10% tolerance device.
1N5629 to 1N5647A VF max = 3.5V at IF = 50A 300 µS square wave pulse.
1N5648 to 1N5665A VF max = 5.0V at IF = 50A 300 µS square wave pulse.
* Preferred voltages.
1N56 Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
1500 Watt Metal Axial Leaded Transient Voltage Suppressors
®


Similar Part No. - 1N5647A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5647A MICROSEMI-1N5647A Datasheet
115Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N5647A MICROSEMI-1N5647A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5647A DIGITRON-1N5647A Datasheet
506Kb / 4P
   TRANSIENT ABSORPTION ZENER
logo
American Microsemicondu...
1N5647A AMMSEMI-1N5647A Datasheet
187Kb / 1P
   DO-13 PACKAGE-GLASS TO METAL HERMETICALLY SEALED
logo
New Jersey Semi-Conduct...
1N5647A NJSEMI-1N5647A Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
More results

Similar Description - 1N5647A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
SA5.0A LITTELFUSE-SA5.0A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
15KE68 LITTELFUSE-15KE68 Datasheet
92Kb / 3P
   1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
SLD16U-017 LITTELFUSE-SLD16U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com