Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550-30R-2C-5.5 Datasheet(PDF) 10 Page - Littelfuse

Part # 550-30R-2C-5.5
Description  Medium Voltage Fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

550-30R-2C-5.5 Datasheet(HTML) 10 Page - Littelfuse

Back Button 550-30R-2C-5.5 Datasheet HTML 4Page - Littelfuse 550-30R-2C-5.5 Datasheet HTML 5Page - Littelfuse 550-30R-2C-5.5 Datasheet HTML 6Page - Littelfuse 550-30R-2C-5.5 Datasheet HTML 7Page - Littelfuse 550-30R-2C-5.5 Datasheet HTML 8Page - Littelfuse 550-30R-2C-5.5 Datasheet HTML 9Page - Littelfuse 550-30R-2C-5.5 Datasheet HTML 10Page - Littelfuse 550-30R-2C-5.5 Datasheet HTML 11Page - Littelfuse 550-30R-2C-5.5 Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
70
E Rated Medium Voltage Fuses
Current Limiting
Catalog
Number
10E-1CL-15.5
15E-1CL-15.5
20E-1CL-15.5
25E-1CL-15.5
30E-1CL-15.5
40E-1CL-15.5
50E-1CL-15.5
65E-1CL-15.5
80E-1CL-15.5
100E-1CL-15.5
125E-2CL-15.5
150E-3CL-15.5
175E-3CL-15.5
200E-3CL-15.5
225E-3CL-15.5
250E-3CL-15.5
300E-3CL-15.5
Catalog
Number
10E-1CL-5.5
15E-1CL-5.5
20E-1C-5.5
25E-1CL-5.5
30E-1CL-5.5
40E-1CL-5.5
50E-1CL-5.5
65E-1CL-5.5
80E-1CL-5.5
100E-1CL-5.5
125E-1CL-5.5
150E-1CL-5.5
225E-2CL-5.5
250E-2CL-5.5
300E-2CL-5.5
350E-2CL-5.5
400E-2CL-5.5
450E-2CL-5.5
500E-3CL-5.5
550E-3CL-5.5
600E-3CL-5.5
Catalog
Number
10E-1CL-8.25
15E-1CL-8.25
20E-1C-8.25
25E-1CL-8.25
30E-1CL-8.25
40E-1CL-8.25
50E-1CL-8.25
65E-1CL-8.25
80E-1CL-8.25
100E-1CL-8.25
125E-2CL-8.25
150E-2CL-8.25
175E-2CL-8.25
200E-2CL-8.25
225E-2CL-8.25
250E-2CL-8.25
300E-2CL-8.25
350E-3CL-8.25
4.31
7.94
11.56
1.25
A
B
1.25
.25
3.0
Clip Lock Design
The clip lock type designs ensures a positive contact between
the fuse and the connection cam. The fuse’s clip lock tab slides
in between the clip casting and the cam to prevent the fuse from
slipping or blowing out of the holder. This positive contact
improves heat dissipation and allows fuses to run cooler.
Old
Catalog
Number
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125E
150E
175E
200E
225E
250E
300E
350E
Dim. A
(inches)
17.38"
17.38"
17.38"
Dim. B
(inches)
16.13"
16.13"
16.13"
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
Figure
Number
17
17
17
17
17
17
17
17
17
17
18
18
18
18
18
18
18
19
E
RATED
Old
Catalog
Number
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125E
150E
225E
250E
300E
350E
400E
450E
500E
550E
600E
Dim. A
(inches)
16.38"
17.38"
17.38"
Dim. B
(inches)
15.13"
16.13"
16.13"
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
Figure
Number
17
17
17
17
17
17
17
17
17
17
17
17
18
18
18
18
18
18
19
19
19
E
RATED
Old
Catalog
Number
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125
150E
175E
200E
225E
250E
300E
Dim. A
(inches)
19.8"
22.81"
22.81"
22.81"
Dim. B
(inches)
18.1"
21.13"
19.1"
19.1"
Max
Interrupting
Rating
RMS (Asym)
60,000
60,000
60,000
60,000
Figure
Number
17
17
17
17
17
17
17
17
17
17
18
19
19
19
19
19
19
E
RATED
FIGURE 17
FIGURE 18
FIGURE 19
Previous
Next


Similar Part No. - 550-30R-2C-5.5

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-3004 DIALIGHT-550-3004 Datasheet
132Kb / 1P
   5mm LED CBI, TOP VIEW
550-3004 DIALIGHT-550-3004 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
550-3005 DIALIGHT-550-3005 Datasheet
121Kb / 1P
   5mm LED CBI, SO BACK HOUSING
550-3007 DIALIGHT-550-3007 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-3007 DIALIGHT-550-3007 Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
More results

Similar Description - 550-30R-2C-5.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com