Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8957201EC Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 5962-8957201EC
Description  Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-8957201EC Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  5962-8957201EC Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5962-8957201EC Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5962-8957201EC Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5962-8957201EC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-8957201EC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-8957201EC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-8957201EC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-8957201EC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-8957201EC Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Absolute Maximum Ratings
Storage Temperature ................................................. -65
°C to +150°C
Operating Temperature ............................................... -55
°C to +125°C
Lead Solder Temperature ................................................ 260
°C for 10 s
1.6 mm below seating plane
Forward Input Current – II (each channel) ................................. 60 mA2
Reverse Input Current ................................................................. 60 mA
Supply Voltage – VCC ....................................... 7 V (1 Minute Maximum)
Enable Input Voltage – VE (each channel) ...................................... 5.5 V
Not to exceed VCC by more than 500 mV
Output Collector Current – IO (each channel) ............................. 25 mA
Output Collector Power Dissipation (each channel) ................... 40 mW
Output Collector Voltage – VO (each channel) ................................... 7 V
Total Package Power Dissipation .............................................. 564 mW
Input Power Dissipation (each channel) ................................... 168 mW
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IIL
0
250
µA
Input Current, High Level*
IIH
12.5
60
mA
Supply Voltage, Output
VCC
4.5
5.5
V
High Level Enable Voltage
VEH
2.0
VCC
V
Low Level Enable Voltage
VEL
0
0.8
V
Fan Out (@ RL = 4 kΩ)
N
5
TTL
Loads
Operating Temperature
TA
-55
125
°C
*12.5 mA condition permits at least 20% guardband for optical coupling variation. Initial
switching threshold is 10 mA or less.
Recommended Operating Conditions
ESD Classification
(MIL-STD-883, Method 3015) .............................................. (
∆), Class 1
Schematic
A 0.1
µF BYPASS CAPACITOR
MUST BE CONNECTED BETWEEN
PINS 10 AND 15 (SEE NOTE 1).


Similar Part No. - 5962-8957201EC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-89572 AVAGO-5962-89572 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
5962-89572 BOARDCOM-5962-89572 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
More results

Similar Description - 5962-8957201EC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
   Dual Line Receiver
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
   Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
   Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
   Dual Line Receiver
logo
Texas Instruments
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
[Old version datasheet]   Dual Line Receiver
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
   Dual Line Receiver
February 1996
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com