Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP160A Datasheet(PDF) 3 Page - Littelfuse

Part # 5KP160A
Description  Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5KP160A Datasheet(HTML) 3 Page - Littelfuse

  5KP160A Datasheet HTML 1Page - Littelfuse 5KP160A Datasheet HTML 2Page - Littelfuse 5KP160A Datasheet HTML 3Page - Littelfuse 5KP160A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Avalanche Diodes
300
www .littelfuse .com
5000 Watt Axial Leaded Transient Voltage Suppressor
®
Fig. 1 Peak Pulse Power Rating Curve
Fig. 2 Pulse Derating Curve
Fig. 3 Pulse Waveform
Fig. 4- Typical Junction Capacitance
Fig. 6- Maximum Non-repetitive Forward
Surge Current
100
150
200
250
300
350
400
100
10
1
Number of Cycles at 60HZ
Fig. 5 Steady State Power
Derating Curve
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
Half Value IPPM
2
TJ=25˚C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
TL- Lead Temperature (˚C)
0
0
25
2
50
75
6
4
100
8
125 150 175 200
L=0.375(9.5mm)
Lead Lengths
0.8x0.8x.040''
(20x20mm)
Copper Heat Sinks
60HZ
Resistive or
Inductive Load
TA- Ambient Temperature (˚C)
0
0
25
25
50
50
75
75
100
100
125 150 175 200
1
1000
100
10000
100000
10
100 200
Vbr, Breakdown Voltage
TJ=25˚C
f=1MH2
Vsig=50mVp-p
Measured at
Stand-off
Voltage
8.3ms Single
Half Sine-Wave
0.1µs
1.0µs
10µs
100µs
1.0ms
10ms
0.1
1
10
100
td- Pulse Width (sec.)
Non-repetitive pulse
waveform shown in
Fig.3 TA=25˚C
Ratings and Characteristic Curves TA=25˚C unless otherwise noted
5KP Series
RoHS


Similar Part No. - 5KP160A

ManufacturerPart #DatasheetDescription
logo
Dc Components
5KP160A DCCOM-5KP160A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP160A LUGUANG-5KP160A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Pan Jit International I...
5KP160A PANJIT-5KP160A Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
SUNMATE electronic Co.,...
5KP160A SUNMATE-5KP160A Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
5KP160A LUGUANG-5KP160A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP160A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
SA5.0A LITTELFUSE-SA5.0A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com