Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA16M8YX6XV4TL Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SAA16M8YX6XV4TL
Description  DOUBLE DATA RATE (DDR) SDRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAA16M8YX6XV4TL Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SAA16M8YX6XV4TL Datasheet HTML 5Page - List of Unclassifed Manufacturers SAA16M8YX6XV4TL Datasheet HTML 6Page - List of Unclassifed Manufacturers SAA16M8YX6XV4TL Datasheet HTML 7Page - List of Unclassifed Manufacturers SAA16M8YX6XV4TL Datasheet HTML 8Page - List of Unclassifed Manufacturers SAA16M8YX6XV4TL Datasheet HTML 9Page - List of Unclassifed Manufacturers SAA16M8YX6XV4TL Datasheet HTML 10Page - List of Unclassifed Manufacturers SAA16M8YX6XV4TL Datasheet HTML 11Page - List of Unclassifed Manufacturers SAA16M8YX6XV4TL Datasheet HTML 12Page - List of Unclassifed Manufacturers SAA16M8YX6XV4TL Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
128Mb: x4, x8, x16
DDR SDRAM
PDF: 09005aef80505d1b / Source: 09005aef80469e44
128Mb: x4, x8, x16 DDR SDRAM
Rev: 11/23/2004
10
www.spectek.com
SpecTek reserves the right to change products or
specifications without notice.
© 2001, 2002, 2004 SpecTek
NOTES, continued
22. MIN (
tRC or tRFC) for IDD measurements is the
smallest multiple of
tCK that meets the minimum
absolute value for the respective parameter.
tRAS
(MAX) for IDD measurements is the largest
multiple of
tCK that meets the maximum absolute
value for
tRAS.
23. The refresh period 64ms. This equates to an
average refresh rate of 15.625μs. However, an
AUTO REFRESH command must be asserted at
least once every 140.6μs; burst refreshing or
posting by the DRAM controller greater than
eight refresh cycles is not allowed.
24. The I/O capacitance per DQS and DQ byte/group
will not differ by more than this maxi-or mum
amount for any given device.
25. The valid data window is derived by achieving
other specifications -
tHP ( tCK/2), tDQSQ, and
tQH ( tQH = tHP - tQHS). The data valid window
derates directly proportional with the clock duty
cycle and a practical data valid window can be
derived. The clock is allowed a maximum duty
cycle variation of 45/55. Functionality is uncertain
when operating beyond a 45/55 ratio. The data
valid window derating curves are provided below
for duty cycles ranging between 50/50 and 45/55.
26. Referenced to each output group: x4 = DQS with
DQ0-DQ3; x8 = DQS with DQ0-DQ7; x16 =
LDQS with DQ0-DQ7 and UDQS with DQ8-
DQ15.
27. This limit is actually a nominal value and does not
result in a fail value. CKE is HIGH during
REFRESH command period (
tRFC [MIN]) else
CKE is LOW (i.e., during standby).
28. To maintain a valid level, the transitioning edge of
the input must:
a) Sustain a constant slew rate from the Current
AC level through to the target AC level,
VIL(AC) VIH(AC).
b) Reach at least the target AC level.
c) After the AC target level is reached, continue
to maintain at least the target DC level,
VIL(DC) or VIH(DC).
29. The Input capacitance per pin group will not differ
by more than this maximum amount for any given
device.
30. CK and CK# input slew rate must be >1V/ns.
31. DQ and DM input slew rates must not deviate from
DQS by more than 10%. If the DQ/DM/DQS slew rate
is less than 0.5V/ns, timing must be derated: 50ps
must be added to
tDS and tDH for each 100mv/ns
reduction in slew rate. If slew rate exceeds 4V/ns,
functionality is uncertain.
32. VDD must not vary more than 4% if CKE is not active
while any bank is active.
33. The clock is allowed up to ±150ps of jitter. Each timing
parameter is allowed to vary by the same amount.
34.
tHP min is the lesser of tCL minimum and tCH
minimum actually applied to the device CK and CK/
inputs, collectively during bank active.
35. READs and WRITEs with auto precharge are
not allowed to be issued until
tRAS (MIN) can
be satisfied prior to the internal precharge
command being issued.
36. Applies to x16 only. First DQS (LDQS or UDQS) to
transition to last DQ (DQ0-DQ15) to transition valid.
Initial JEDEC specifications suggested this to be same
as
tDQSQ.
37. Note 37 is not used.
38. Note 38 is not used.
39. Note 39 is not used.
40. VIH overshoot: VIH(MAX) = VDDQ+1.5V for a pulse
width < 3ns and the pulse width can not be greater
than 1/3 of the cycle rate. VIL undershoot: VIL(MIN) =
-1.5V for a pulse width < 3ns and the pulse width can
not be greater than 1/3 of the cycle rate.
41. VDD and VDDQ must track each other.
42. Note 42 is not used.
43. Note 43 is not used.
44. During initialization, VddQ, Vtt, and Vref
must be equal to or less than Vdd + 0.3V.
Alternatively, Vtt may be 1.35V maximum
during power up, even if Vdd /VddQ are 0
volts, provided a minimum of 42 ohms of
series resistance is used between the Vtt
supply and the input pin.


Similar Part No. - SAA16M8YX6XV4TL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SAA160 SEMIKRON-SAA160 Datasheet
146Kb / 2P
   Fast Avalanche Diodes
SAA160 SEMIKRON-SAA160 Datasheet
188Kb / 2P
   Fast Avalanche Diodes
More results

Similar Description - SAA16M8YX6XV4TL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com