Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8957202KEC Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # 5962-8957202KEC
Description  Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-8957202KEC Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button 5962-8957202KEC Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5962-8957202KEC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-8957202KEC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-8957202KEC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-8957202KEC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-8957202KEC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-8957202KEC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-8957202KEC Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-8957202KEC Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Parameter
Symbol
Typ.
Units
Test Conditions
Fig.
Note
Resistance (Input-Output)
R
I-O
1012
V
I-O = 500 V dc
3, 13
Capacitance (Input-Output)
C
I-O
1.7
pF
f = 1 MHz
3, 13
Input-Input Insulation
I
I-I
0.5
nA
45% Relative Humidity,
11
Leakage Current
V
I-I = 500 Vdc, t = 5 s
Resistance (Input-Input)
R
I-I
1012
V
I-I
= 500 Vdc
11
Capacitance (Input-Input)
C
I-I
0.55
pF
f = 1 MHz
11
Propagation Delay Time of Enable
t
ELH
35
ns
6, 7
3, 7
from V
EH
to V
EL
R
L = 510 Ω, CL = 15 pF,
Propagation Delay Time of Enable
t
EHL
35
ns
I
I
= 13 mA, V
EH
= 3 V, V
EL
= 0 V
6, 7
3, 8
from V
EL
to V
EH
Output Rise Time (10-90%)
t
r
30
ns
3
R
L = 510 Ω, CL = 15 pF, II = 13 mA
Output Fall Time (90-10%)
t
f
24
ns
3
Input Capacitance
C
I
60
pF
f = 1 MHz, V
I = 0,
3
PINS 1 to 2 or 5 to 6
Typical Specifications
T
A = 25°C, VCC = 5 V
Notes:
1. Bypassing of the power supply line is required, with a 0.1
µF ceramic disc capacitor adjacent to each isolator. The power supply bus
for the isolators should be separate from the bus for any active loads, otherwise additional bypass capacitance may be needed to
suppress regenerative feedback via the power supply.
2. Derate linearly at 1.2 mA/
°C above T
A
= 100
°C.
3. Each channel.
4. Device considered a two terminal device: pins 1 through 8 are shorted together, and pins 9 through 16 are shorted together.
5. The t
PLH
propagation delay is measured form the 6.5 mA point on the trailing edge of the input pulse to the 1.5 V point on the trailing
edge of the output pulse.
6. The t
PHL
propagation delay is measured from the 6.5 mA point on the leading edge of the input pulse to the 1.5 V point on the leading
edge of the output pulse.
7. The t
ELH
enable propagation delay is measured from the 1.5 V point on the trailing edge of the enable input pulse to the 1.5 V point
on the trailing edge of the output pulse.
8. The t
EHL
enable propagation delay is measured from the 1.5 V point on the leading edge of the enable input pulse to the 1.5 V point
on the leading edge of the output pulse.
9. CM
H
is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state, i.e.
V
OUT
> 2.0 V.
10. CM
L
is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state, i.e.
V
OUT
< 0.8 V.
11. Measured between adjacent input leads shorted together, i.e. between 1, 2 and 4 shorted together and pins 5, 6 and 8 shorted
together.
12. No external pull up is required for a high logic state on the enable input.
13. Measured between pins 1 and 2 or 5 and 6 shorted together, and pins 10 through 15 shorted together.
14. Parameters shall be tested as part of device initial characterization and after process changes. Parameters shall be guaranteed to the
limits specified for all lots not specifically tested.
15. Standard parts receive 100% testing at 25
°C (Subgroups 1 and 9). Hi-Rel and SMD parts receive 100% testing at 25, 125, and -55°C
(Subgroups 1 and 9, 2 and 10, 3 and 11, respectively).


Similar Part No. - 5962-8957202KEC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-89572 AVAGO-5962-89572 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
5962-89572 BOARDCOM-5962-89572 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
More results

Similar Description - 5962-8957202KEC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
   Dual Line Receiver
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
   Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
   Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
   Dual Line Receiver
logo
Texas Instruments
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
[Old version datasheet]   Dual Line Receiver
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
   Dual Line Receiver
February 1996
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com