Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4046AN Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74HC4046AN
Description  Phase-Locked Loop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4046AN Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74HC4046AN Datasheet HTML 6Page - ON Semiconductor MC74HC4046AN Datasheet HTML 7Page - ON Semiconductor MC74HC4046AN Datasheet HTML 8Page - ON Semiconductor MC74HC4046AN Datasheet HTML 9Page - ON Semiconductor MC74HC4046AN Datasheet HTML 10Page - ON Semiconductor MC74HC4046AN Datasheet HTML 11Page - ON Semiconductor MC74HC4046AN Datasheet HTML 12Page - ON Semiconductor MC74HC4046AN Datasheet HTML 13Page - ON Semiconductor MC74HC4046AN Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC74HC4046A
http://onsemi.com
10
Figure 10. Input Resistance at SIGIN, COMPIN with
∆VI = 1.0 V at Self–Bias Point
Figure 11. Input Current at SIGIN, COMPIN with
∆VI = 500 mV at Self–Bias Point
Figure 12. Offset Voltage at Demodulator Output as
a Function of VCOIN and RS
Figure 13A. Frequency Stability versus Ambient
Temperature: VCC = 3.0 V
800
0
VCC=3.0 V
VCC=4.5 V
VCC=6.0 V
1/2 VCC–1.0 V
1/2 VCC
4.0
–4.0
1/2VCC – 500 mV
VI (V)
1/2 VCC
1/2 VCC + 500 mV
0
6.0
0
0
3.0
6.0
VCC=4.5 V RS=300 k
VCC=4.5 V RS=50 k
VCC=3.0 V RS=300 k
VCC=3.0 V RS=50 k
DEMOD OUT
15
10
5.0
0
–5.0
–10
–15
–100
–50
0
50
100
150
R1=100 k
R1=300 k
R1=3.0 k
R1=100 k
R1=300 k
R1=3.0 k
VCC = 3.0 V
C1 = 100 pF; R2 =
∞; VVCOIN=1/3 VCC
AMBIENT TEMPERATURE (
°C)
VCC=3.0 V
VCC=4.5 V
VCC=6.0 V
400
VCC=6.0 V RS=300 k
VCC=6.0 V RS=50 k
Figure 13B. Frequency Stability versus Ambient
Temperature: VCC = 4.5 V
Figure 13C. Frequency Stability versus Ambient
Temperature: VCC = 6.0 V
R1=100 k
R1=300 k
R1=3.0 k
15
10
5.0
0
–5.0
–10
–15
–100
–50
0
50
100
150
VCC = 4.5 V
C1 = 100 pF; R2 =
∞; VVCOIN = 1/2 VCC
AMBIENT TEMPERATURE (
°C)
R1=100 k
R1=3.0 k
6.0
4.0
0
–2.0
–10
–100
–50
0
50
100
150
VCC = 6.0 V
C1 = 100 pF; R2 =
∞; VVCOIN=1/2 VCC
AMBIENT TEMPERATURE (
°C)
–8.0
–6.0
–4.0
2.0
8.0
10
R1=300 k
1/2 VCC+1.0 V
VI (V)
VCOIN (V)


Similar Part No. - MC74HC4046AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4046AN ONSEMI-MC74HC4046AN Datasheet
166Kb / 18P
   Phase?묹ocked Loop
June, 2005 ??Rev. 8
MC74HC4046ANG ONSEMI-MC74HC4046ANG Datasheet
166Kb / 18P
   Phase?묹ocked Loop
June, 2005 ??Rev. 8
More results

Similar Description - MC74HC4046AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com