Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR38650TQC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZR38650TQC
Description  PROGRAMMABLE DIGITAL AUDIO PROCESSOR
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZR38650TQC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZR38650TQC Datasheet HTML 6Page - List of Unclassifed Manufacturers ZR38650TQC Datasheet HTML 7Page - List of Unclassifed Manufacturers ZR38650TQC Datasheet HTML 8Page - List of Unclassifed Manufacturers ZR38650TQC Datasheet HTML 9Page - List of Unclassifed Manufacturers ZR38650TQC Datasheet HTML 10Page - List of Unclassifed Manufacturers ZR38650TQC Datasheet HTML 11Page - List of Unclassifed Manufacturers ZR38650TQC Datasheet HTML 12Page - List of Unclassifed Manufacturers ZR38650TQC Datasheet HTML 13Page - List of Unclassifed Manufacturers ZR38650TQC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
10
ZR38650
Internal memories are large: the 20-kwords of 32-bit pro-
gram/data ROM is augmented with an addition 2-kwords of
down-loadable RAM. The data only memory is a 10-kword RAM
in the 20-bit data word precision.
The two programmable phase-locked-loops (PLLs), one for the
DSP core (fDSP) and one for the audio serial ports (fAUDIO) allow
independent selection of these two critical internal clock rates.
This is particularly important when the ZR38650 system oscilla-
tor is not determined by its own external crystal, but rather from
a predetermined system clock frequency. Having two PLLs lets
the DSP core synchronously operate at its maximum 50 MIPS
rate (fDSP = 100 MHz) for processing while the serial I/O
operates at the standard sample rates of 32, 44.1, 48 or 96 kHz,
regardless of whether the predetermined system clock frequen-
cy is a common sub-multiple.
The power supply is 3.3 Volts for lower power consumption, yet
all I/O signals are 5.0 Volt tolerant for use in 5.0-Volt systems.
Table 5: System Hardware Configurations and Standard Command Support
Hardware Configuration
Hardware Configuration Description
Standard Command Support
Host
None
Custom program using parallel and/or GPIO interface for control.
None. Requires custom internal or
external program ROM.
Bit-serial Interface
Industry standard four-wire SPI duplex or two-wire Z2C half-
duplex.
Yes.
Parallel Interface
Byte-wide selectable for I/O and Commands. Not possible con-
current with external memory.
Yes.
Data Input
S/PDIF Channel
Standard single-wire receiver.
Yes.
Bit-serial Channel
Serial Port A is a flexible slave or data driven master with DREQ.
Yes.
Parallel Channel
Byte-wide master, slave or data-driven master with DREQ. Not
possible concurrent with external memory.
Yes.
ADC bit-serial
Up to six channels as a flexible master or slave.
No.
Data Output
DAC bit-serial
Up to eight channels on Ports B, C, D and G as flexible master
or slave.
Yes for 6-channel ports B, C and D.
S/PDIF Channel
Standard single-wire transmitter on Port G. Master only.
Yes, Port G.
External
Memory
Program/Data ROM
8-, 16- or 32-bit for loading or 32-bit for execution.
Yes for execution or 8-bit only loading.
Program/Data RAM
32-bit memory for executing large functions or 16 or 32 bits for
large delay or table memory.
Not required for standard functions.
Left/Right
Left/Right Surround
Xtal
Center/Subwoofer
S/PDIF
Input
Data/
Control
A
E
F
Address
Test
Control
General Purpose
I/O Ports
Host
Parallel
Port
Serial
Output
Ports
Serial
Input
Ports
B
C
D
Figure 5. ZR38650 Simplified Block Diagram
4
32
20
Serial Host
SPI or Z2C
Interface
Internal Program/
Data ROM
20k x 32
Internal Program/
Data RAM
2k x 32
Internal
Data RAM
10k x 20
4
Serial Audio
Inputs
S/PDIF
Receiver
Parallel Host
Interface
Input Data
FIFO
8 x 9
S/PDIF
Transmitter
Serial Audio
Outputs
Memory
Interface
ICE
Interface
System
Oscillator &
DSP PLL
Audio PLL
GPIO
ZR38001
DSP Core
S/PDIF or
Left/Right Center
4
fDSP
fAUDIO
6
fAUDIO
G
Timer


Similar Part No. - ZR38650TQC

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
More results

Similar Description - ZR38650TQC

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
logo
TEMIC Semiconductors
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
   Programmable Telephone Audio Processor
U4091BM TEMIC-U4091BM Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
logo
TEMIC Semiconductors
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
Texas Instruments
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
[Old version datasheet]   Digital Audio Pwm Processor
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
   DAP1 Digital Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com