Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC390 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC390
Description  Dual 4-Stage Binary Ripple Counter with 첨2 and 첨5 Sections
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC390 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC390 Datasheet HTML 1Page - ON Semiconductor MC74HC390 Datasheet HTML 2Page - ON Semiconductor MC74HC390 Datasheet HTML 3Page - ON Semiconductor MC74HC390 Datasheet HTML 4Page - ON Semiconductor MC74HC390 Datasheet HTML 5Page - ON Semiconductor MC74HC390 Datasheet HTML 6Page - ON Semiconductor MC74HC390 Datasheet HTML 7Page - ON Semiconductor MC74HC390 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HC390A
http://onsemi.com
4
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Guaranteed Limit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
trec
Minimum Recovery Time, Reset Inactive to Clock A or Clock B
(Figure 2)
2.0
3.0
4.5
6.0
25
15
10
9
30
20
13
11
40
30
15
13
ns
tw
Minimum Pulse Width, Clock A, Clock B
(Figure 1)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
15
110
36
22
19
ns
tw
Minimum Pulse Width, Reset
(Figure 2)
2.0
3.0
4.5
6.0
75
27
20
18
95
32
24
22
110
36
30
28
ns
tf, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book
(DL129/D).
PIN DESCRIPTIONS
INPUTS
Clock A (Pins 1, 15) and Clock B (Pins 4, 15)
Clock A is the clock input to the
÷ 2 counter; Clock B is
the clock input to the
÷ 5 counter. The internal flip–flops are
toggled by high–to–low transitions of the clock input.
CONTROL INPUTS
Reset (Pins 2, 14)
Asynchronous reset. A high at the Reset input prevents
counting, resets the internal flip–flops, and forces QA
through QD low.
OUTPUTS
QA (Pins 3, 13)
Output of the
÷ 2 counter.
QB, QC, QD (Pins 5, 6, 7, 9, 10, 11)
Outputs of the
÷ 5 counter. QD is the most significant bit.
QA is the least significant bit when the counter is connected
for BCD output as in Figure 4. QB is the least significant bit
when the counter is operating in the bi–quinary mode as in
Figure 5.
SWITCHING WAVEFORMS
Q
tr
tf
tPLH
tPHL
tTLH
tTHL
VCC
GND
CLOCK
10%
50%
90%
1/fmax
tw
trec
RESET
Figure 1.
Figure 2.
VCC
GND
VCC
GND
10%
50%
90%
Q
CLOCK
50%
50%
50%
tPHL
tw
10%


Similar Part No. - MC74HC390

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC390A ONSEMI-MC74HC390A Datasheet
127Kb / 10P
   Dual 4?뭆tage Binary Ripple Counter with /2and /5 Sections High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC390AD ONSEMI-MC74HC390AD Datasheet
127Kb / 10P
   Dual 4?뭆tage Binary Ripple Counter with /2and /5 Sections High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC390ADG ONSEMI-MC74HC390ADG Datasheet
127Kb / 10P
   Dual 4?뭆tage Binary Ripple Counter with /2and /5 Sections High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC390ADG ONSEMI-MC74HC390ADG Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC74HC390ADR2 ONSEMI-MC74HC390ADR2 Datasheet
127Kb / 10P
   Dual 4?뭆tage Binary Ripple Counter with /2and /5 Sections High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
More results

Similar Description - MC74HC390

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC54-74HC390 ONSEMI-MC54-74HC390 Datasheet
216Kb / 8P
   Dual 4-Stage Binary Ripple Counter with 첨2 and 첨5 Sections
REV 6
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
System Logic Semiconduc...
SL74HC393 SLS-SL74HC393 Datasheet
50Kb / 7P
   Dual 4-Stage Binary Ripple Counter
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
   Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC393A ONSEMI-MC74HC393A_14 Datasheet
120Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com