Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4051AN Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC4051AN
Description  Analog Multiplexers/Demultiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4051AN Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC4051AN Datasheet HTML 1Page - ON Semiconductor MC74HC4051AN Datasheet HTML 2Page - ON Semiconductor MC74HC4051AN Datasheet HTML 3Page - ON Semiconductor MC74HC4051AN Datasheet HTML 4Page - ON Semiconductor MC74HC4051AN Datasheet HTML 5Page - ON Semiconductor MC74HC4051AN Datasheet HTML 6Page - ON Semiconductor MC74HC4051AN Datasheet HTML 7Page - ON Semiconductor MC74HC4051AN Datasheet HTML 8Page - ON Semiconductor MC74HC4051AN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC74HC4051A, MC74HC4052A, MC74HC4053A
http://onsemi.com
5
DC CHARACTERISTICS — Analog Section
Guaranteed Limit
Symbol
Parameter
Condition
VCC
VEE
–55 to 25
°C
≤85°C
≤125°C
Unit
Ron
Maximum “ON” Resistance
Vin = VIL or VIH; VIS = VCC to
VEE; IS ≤ 2.0 mA
(Figures 1, 2)
4.5
4.5
6.0
0.0
– 4.5
– 6.0
190
120
100
240
150
125
280
170
140
Vin = VIL or VIH; VIS = VCC or
VEE (Endpoints); IS ≤ 2.0 mA
(Figures 1, 2)
4.5
4.5
6.0
0.0
– 4.5
– 6.0
150
100
80
190
125
100
230
140
115
∆Ron
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIL or VIH;
VIS = 1/2 (VCC – VEE);
IS ≤ 2.0 mA
4.5
4.5
6.0
0.0
– 4.5
– 6.0
30
12
10
35
15
12
40
18
14
Ioff
Maximum Off–Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC – VEE;
Switch Off (Figure 3)
6.0
– 6.0
0.1
0.5
1.0
µA
Maximum Off–Channel HC4051A
Leakage Current,
HC4052A
Common Channel
HC4053A
Vin = VIL or VIH;
VIO = VCC – VEE;
Switch Off (Figure 4)
6.0
6.0
6.0
– 6.0
– 6.0
– 6.0
0.2
0.1
0.1
2.0
1.0
1.0
4.0
2.0
2.0
Ion
Maximum On–Channel HC4051A
Leakage Current,
HC4052A
Channel–to–Channel
HC4053A
Vin = VIL or VIH;
Switch–to–Switch =
VCC – VEE; (Figure 5)
6.0
6.0
6.0
– 6.0
– 6.0
– 6.0
0.2
0.1
0.1
2.0
1.0
1.0
4.0
2.0
2.0
µA
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
VCC
Guaranteed Limit
Symbol
Parameter
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Channel–Select to Analog Output
(Figure 9)
2.0
3.0
4.5
6.0
270
90
59
45
320
110
79
65
350
125
85
75
ns
tPLH,
tPHL
Maximum Propagation Delay, Analog Input to Analog Output
(Figure 10)
2.0
3.0
4.5
6.0
40
25
12
10
60
30
15
13
70
32
18
15
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Enable to Analog Output
(Figure 11)
2.0
3.0
4.5
6.0
160
70
48
39
200
95
63
55
220
110
76
63
ns
tPZL,
tPZH
Maximum Propagation Delay, Enable to Analog Output
(Figure 11)
2.0
3.0
4.5
6.0
245
115
49
39
315
145
69
58
345
155
83
67
ns
Cin
Maximum Input Capacitance, Channel–Select or Enable Inputs
10
10
10
pF
CI/O
Maximum Capacitance
Analog I/O
35
35
35
pF
(All Switches Off)
Common O/I: HC4051A
HC4052A
HC4053A
130
80
50
130
80
50
130
80
50
Feedthrough
1.0
1.0
1.0
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High–Speed CMOS Data Book (DL129/D)
Typical @ 25
°C, VCC = 5.0 V, VEE = 0 V
CPD
Power Dissipation Capacitance (Figure 13)*
HC4051A
HC4052A
HC4053A
45
80
45
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC4051AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4051AN ONSEMI-MC74HC4051AN Datasheet
202Kb / 18P
   Analog Multiplexers / Demultiplexers
January, 2006 ??Rev. 3
MC74HC4051ANG ONSEMI-MC74HC4051ANG Datasheet
202Kb / 18P
   Analog Multiplexers / Demultiplexers
January, 2006 ??Rev. 3
More results

Similar Description - MC74HC4051AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com