Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP48CA Datasheet(PDF) 2 Page - Littelfuse

Part # 5KP48CA
Description  Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5KP48CA Datasheet(HTML) 2 Page - Littelfuse

  5KP48CA Datasheet HTML 1Page - Littelfuse 5KP48CA Datasheet HTML 2Page - Littelfuse 5KP48CA Datasheet HTML 3Page - Littelfuse 5KP48CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Avalanche Diodes
299
www .littelfuse .com
6
5000 Watt Axial Leaded Transient Voltage Suppressor
®
Part
Numbers
Breakdown
Voltage
VBR (Volts) @ IT
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
ELECTRICAL SPECIFICATION @ Tamb 25°C
5KP5.0A
5KP5.0CA
5.0
6.40
7.00
50
9.2
544.0
5000
5KP6.0A
5KP6.0CA
6.0
6.67
7.37
50
10.3
486.0
5000
5KP6.5A
5KP6.5CA
6.5
7.22
7.98
50
11.2
447.0
2000
5KP7.0A
5KP7.0CA
7.0
7.78
8.60
50
12.0
417.0
1000
5KP7.5A
5KP7.5CA
7.5
8.33
9.21
5
12.9
388.0
250
5KP8.0A
5KP8.0CA
8.0
8.89
9.83
5
13.6
368.0
150
5KP8.5A
5KP8.5CA
8.5
9.44
10.40
5
14.4
348.0
50
5KP9.0A
5KP9.0CA
9.0
10.00
11.10
5
15.4
325.0
20
5KP10A
5KP10CA
10.0
11.10
12.30
5
17.0
295.0
15
5KP11A
5KP11CA
11.0
12.20
13.50
5
18.2
275.0
10
5KP12A
5KP12CA
12.0
13.30
14.70
5
19.9
252.0
10
5KP13A
5KP13CA
13.0
14.40
15.90
5
21.5
233.0
10
5KP14A
5KP14CA
14.0
15.60
17.20
5
23.2
216.0
10
5KP15A
5KP15CA
15.0
16.70
18.50
5
24.4
205.0
10
5KP16A
5KP16CA
16.0
17.80
19.70
5
26.0
193.0
10
5KP17A
5KP17CA
17.0
18.90
20.90
5
27.6
181.0
10
5KP18A
5KP18CA
18.0
20.00
22.10
5
29.2
172.0
10
5KP20A
5KP20CA
20.0
22.20
24.50
5
32.4
154.0
10
5KP22A
5KP22CA
22.0
24.00
26.90
5
35.5
141.0
10
5KP24A
5KP24CA
24.0
26.70
29.50
5
38.9
129.0
10
5KP26A
5KP26CA
26.0
28.90
31.90
5
42.1
119.0
10
5KP28A
5KP28CA
28.0
31.10
34.40
5
45.4
110.0
10
5KP30A
5KP30CA
30.0
33.30
36.80
5
48.4
103.0
10
5KP33A
5KP33CA
33.0
36.70
40.60
5
53.3
93.9
10
5KP36A
5KP36CA
36.0
40.00
44.20
5
58.1
86.1
10
5KP40A
5KP40CA
40.0
44.40
49.10
5
64.5
77.6
10
5KP43A
5KP43CA
43.0
47.80
52.80
5
69.4
72.1
10
5KP45A
5KP45CA
45.0
50.00
55.30
5
72.7
68.8
10
5KP48A
5KP48CA
48.0
53.30
58.90
5
77.4
64.7
10
5KP51A
5KP51CA
51.0
56.70
62.70
5
82.4
60.7
10
5KP54A
5KP54CA
54.0
60.00
66.30
5
87.1
57.5
10
5KP58A
5KP58CA
58.0
64.40
71.20
5
93.6
53.5
10
5KP60A
5KP60CA
60.0
66.70
73.70
5
96.8
51.7
10
5KP64A
5KP64CA
64.0
71.10
78.60
5
103.0
48.6
10
5KP70A
5KP70CA
70.0
77.80
86.00
5
113.0
44.3
10
5KP75A
5KP75CA
75.0
83.30
92.10
5
121.0
41.4
10
5KP78A
5KP78CA
78.0
86.70
95.80
5
126.0
39.7
10
5KP85A
5KP85CA
85.0
94.40
104.00
5
137.0
36.5
10
5KP90A
5KP90CA
90.0
100.00 111.00
5
146.0
34.3
10
5KP100A
5KP100CA
100.0
110.00 123.00
5
162.0
30.9
10
5KP110A
5KP110CA
110.0
122.00 135.00
5
177.0
28.3
10
5KP120A
5KP120CA
120.0
133.00 147.00
5
193.0
26.0
10
5KP130A
5KP130CA
130.0
144.00 159.00
5
209.0
24.0
10
5KP150A
5KP150CA
150.0
167.00 185.00
5
243.0
20.6
10
5KP160A
5KP160CA
160.0
178.00 197.00
5
259.0
19.3
10
5KP170A
5KP170CA
170.0
189.00 209.00
5
275.0
18.2
10
5KP180A
5KP180CA
180.0
200.00 221.00
5
292.0
17.6
10
5KP190A
5KP190CA
190.0
211.00 233.00
5
310.0
9.7
10
5KP200A
5KP200CA
200.0
222.00 246.00
5
329.2
9.1
10
5KP210A
5KP210CA
210.0
233.00 258.00
5
349.5
8.6
10
5KP220A
5KP220CA
220.0
244.00 270.00
5
371.1
8.1
10
Reverse
Stand off
Voltage
VR
(Volts)
Test
Current
IT (mA)
For bidirectional type having Vrwm of 30 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
MIN
MAX
Uni-Polar
Bi-Polar
5KP Series
RoHS


Similar Part No. - 5KP48CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP48CA LUGUANG-5KP48CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP48CA SURGE-5KP48CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
SUNMATE electronic Co.,...
5KP48CA SUNMATE-5KP48CA Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Littelfuse
5KP48CA LITTELFUSE-5KP48CA Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
SUNMATE electronic Co.,...
5KP48CA SUNMATE-5KP48CA Datasheet
1Mb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results

Similar Description - 5KP48CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
SA5.0A LITTELFUSE-SA5.0A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com