Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230-12R-1BI-5.5 Datasheet(PDF) 1 Page - Littelfuse

Part # 230-12R-1BI-5.5
Description  Medium Voltage Fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

230-12R-1BI-5.5 Datasheet(HTML) 1 Page - Littelfuse

  230-12R-1BI-5.5 Datasheet HTML 1Page - Littelfuse 230-12R-1BI-5.5 Datasheet HTML 2Page - Littelfuse 230-12R-1BI-5.5 Datasheet HTML 3Page - Littelfuse 230-12R-1BI-5.5 Datasheet HTML 4Page - Littelfuse 230-12R-1BI-5.5 Datasheet HTML 5Page - Littelfuse 230-12R-1BI-5.5 Datasheet HTML 6Page - Littelfuse 230-12R-1BI-5.5 Datasheet HTML 7Page - Littelfuse 230-12R-1BI-5.5 Datasheet HTML 8Page - Littelfuse 230-12R-1BI-5.5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
61
Medium Voltage Fuses
2400 - 25,500 VAC s Current Limiting
Littelfuse now offers a complete selection of “E” and “R”
rated medium voltage fuses for the protection of trans-
formers, potential transformers, feeders, and motor circuits.
Single, double, and triple barrel designs are available to
cover a wide range of current, voltage, and interrupting
ratings. Conventional ferrule type, clip lock, and bolt-in
mounting configurations are now available for virtually any
application. Hermetically sealed fuses for use in hazardous
environments are also offered.
Contact the factory or your local Littelfuse representative for
additional fuse ratings or custom mounting configurations.
24 Hour Emergency Service is available.
Call 1-800-227-0029.
APPLICATIONS
s
Power Transformer
Protection
s
Potential Transformer
Protection
s
Motor Controller Back-up
Protection
s
Fused Switches
s
Feeder Circuits
GENERAL INFORMATION
The terms “Medium Voltage” and “high voltage” have been
used interchangeably by many people to describe fuses
operating above 600 volts. Technically speaking, “medium
voltage” fuses are those intended for the voltage range from
2,400 to 38,000 VAC. “High voltage fuses are for circuits
carrying voltages greater than 38,000 VAC.
“E” Rated fuses are considered to be general purpose fuses
and can be used to protect against low and high values of
fault current. “R” rated fuses are designed for back-up pro-
tection. They must be used in series with other devices, such
as motor overload relays, in order to achieve both overload
and short circuit protection.
Medium voltage fuses are not intended to provide overload
protection in the same sense as fuses rated 600 volts or
less. Medium voltage fuse current ratings do not have the
same meanings as the ampere ratings of low voltage fuses.
All medium voltage fuses are limited in their ability to inter-
rupt low value overcurrents, especially those between 100%
and 200% of the fuse’s continuous current rating. They are
designed to carry their rated current without exceeding the
temperature rise permitted by NEMA and ANSI standards.
Additional application data can be found in the Fuse
Application section of the POWR-GARD Products
catalog (PF101).
Current limiting “E” and “R”
rated fuses are equipped with
a mechanical indicator or
striker pin that protrudes
through the fuse cap upon
operation of the fuse. This
provides visual identification
of a blown fuse and can be
used as a trigger for external
devices.
Bolt-in Mount Fuses
Next


Similar Part No. - 230-12R-1BI-5.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
230-10-LPI BEL-230-10-LPI Datasheet
1Mb / 3P
   Direct Plug-in Replacement for Original FlatHead??Design
More results

Similar Description - 230-12R-1BI-5.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com