Electronic Components Datasheet Search |
|
5KP75CA Datasheet(PDF) 3 Page - Littelfuse |
|
5KP75CA Datasheet(HTML) 3 Page - Littelfuse |
3 / 4 page Silicon Avalanche Diodes 300 www .littelfuse .com 5000 Watt Axial Leaded Transient Voltage Suppressor ® Fig. 1 Peak Pulse Power Rating Curve Fig. 2 Pulse Derating Curve Fig. 3 Pulse Waveform Fig. 4- Typical Junction Capacitance Fig. 6- Maximum Non-repetitive Forward Surge Current 100 150 200 250 300 350 400 100 10 1 Number of Cycles at 60HZ Fig. 5 Steady State Power Derating Curve 0 0 50 100 150 1.0 2.0 3.0 4.0 tr=10µsec Peak Value IPPM Half Value IPPM 2 TJ=25˚C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM 10/1000µsec. Waveform as defined by R.E.A td t-Time (ms) TL- Lead Temperature (˚C) 0 0 25 2 50 75 6 4 100 8 125 150 175 200 L=0.375(9.5mm) Lead Lengths 0.8x0.8x.040'' (20x20mm) Copper Heat Sinks 60HZ Resistive or Inductive Load TA- Ambient Temperature (˚C) 0 0 25 25 50 50 75 75 100 100 125 150 175 200 1 1000 100 10000 100000 10 100 200 Vbr, Breakdown Voltage TJ=25˚C f=1MH2 Vsig=50mVp-p Measured at Stand-off Voltage 8.3ms Single Half Sine-Wave 0.1µs 1.0µs 10µs 100µs 1.0ms 10ms 0.1 1 10 100 td- Pulse Width (sec.) Non-repetitive pulse waveform shown in Fig.3 TA=25˚C Ratings and Characteristic Curves TA=25˚C unless otherwise noted 5KP Series RoHS |
Similar Part No. - 5KP75CA |
|
Similar Description - 5KP75CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |