Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

203 Datasheet(PDF) 1 Page - Littelfuse

Part # 203
Description  Surface Mount Fuses - Subminiature Surface Mount & Dip Types
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

203 Datasheet(HTML) 1 Page - Littelfuse

  203 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
385
Surface Mount Fuses
www .littelfuse .com
Subminiature Surface Mount & Dip Types
FLAT-PAK
® Slo-Blo® Fuse 203 Series
9.45
(.372")
6.35
(.250")
4.19
(.165")
0.53
(.021")
10.16
(.400")
.135"
0.30 (.012")
6
o
202 FLAT- PAK
LF
F 2A
250 V
PAT 4563666
DIP Configuration
(Thru-Hole) Mounting
9.45
(.372")
6.35
(.250")
4.19
(.165")
202GFLAT- PAK
LF
F 2A
250 V
PAT 4563666
SMF Configuration
("Gull Wing" Surface Mount)
1.52
(.060")
0.08 (.003")
1.40 (.055")
15.24 (.600")
17.12 (.674)
4.06 (.160)
11.53 (.454)
2.79 (.110)
Recommended Pad Layout
Reference Dimensions:
100
10
1
0.01
0.001
1000
100
10
1
0.1
0.05
CURRENT IN AMPERES
.1
Average Time Current Curves
• For new designs please use the 465 Series, NANO250V UMF Fuse.
Fast-Acting and Slo-Blo® Fuse versions of the Flat-Pak Fuse designs are
available. Both designs are available in either a gull-wing surface mount
package or a DIP configuration for through-hole mounting.
These fuse designs feature a 250 VAC rating in a low profile,
rectangular package.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
1 second, Minimum
30 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATING:
50 amperes at 250 VAC.
ENVIRONMENTAL SPECIFICATION:
Operating Temperature: –55°C to 125°C.
PHYSICAL SPECIFICATIONS:
Materials: Body: Thermoplastic
Terminations: Tin/Lead Plated Copper
Soldering Parameters:
Wave Solder — 260°C, 3 seconds maximum.
Reflow Solder — 215°C, 30 seconds maximum.
Solderability: MIL-STD-202, Method 208.
Cleaning: Board washable in most common solvents.
PACKAGING SPECIFICATIONS:
SMF Fuses — 24mm Tape and Reel per EIA-RS481-2
(IEC 286, part 3); 500 per reel.
DIP Fuses — Antistatic magazine, 100 per magazine.
PATENTED
®
®
Nominal
Nominal
Catalog
Catalog
1
Ampere
Voltage
Resistance
Melting I
2t
Number
Number
Rating
Rating
Cold Ohms
A
2 Sec.
203.250
203.250G
1/4
250
1.36
0.0126
203.500
203.500G
1/2
250
0.433
0.112
203.750
203.750G
3/4
250
0.158
0.327
203 001
203 001G
1
250
0.0755
0.328
203 01.5
203 01.5G
11/2
250
0.0390
0.850
203 002
203 002G
2
250
0.0345
1.70
203 02.5
203 02.5G
21/2
250
0.0237
2.87
203 003
203 003G
3
250
0.0197
4.40
203 004
203 004G
4
250
0.0148
8.75
203 005
203 005G
5
250
0.0124
14.7
1
SMF fuse marking includes the letter “G” next to the series number indicating “Gull-Wing”.
ORDERING INFORMATION
10


Similar Part No. - 203

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
203 LSTD-203 Datasheet
620Kb / 2P
   BLACK COLOR NI/CU POLYESTER TAFFETA FABRIC-OVER-FOAM
logo
Alpha Wire
203 ALPHAWIRE-203 Datasheet
195Kb / 2P
   M12-A Female 5 Pin Field Attachable
logo
3M Electronics
203 3M-203 Datasheet
28Kb / 2P
   Masking Tape
logo
Winchester Electronics ...
203-010-6140G WINCHESTER-203-010-6140G Datasheet
46Kb / 1P
   RECEPTACLE RIGHT ANGLE P.C PLUG
logo
HellermannTyton.
203-1-G HELLERMANNTYTON-203-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 203

ManufacturerPart #DatasheetDescription
logo
Littelfuse
202062 LITTELFUSE-202062 Datasheet
46Kb / 1P
   Surface Mount Fuses Subminiature Surface Mount & Dip Types
464 LITTELFUSE-464 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0455001.MR LITTELFUSE-0455001.MR Datasheet
79Kb / 1P
   Subminiature Surface Mount
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com