Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4046AFEL Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74HC4046AFEL
Description  Phase-Locked Loop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4046AFEL Datasheet(HTML) 2 Page - ON Semiconductor

  MC74HC4046AFEL Datasheet HTML 1Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 2Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 3Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 4Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 5Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 6Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 7Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 8Page - ON Semiconductor MC74HC4046AFEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC74HC4046A
http://onsemi.com
2
Pin No.
Symbol
Name and Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PCPOUT
PC1OUT
COMPIN
VCOOUT
INH
C1A
C1B
GND
VCOIN
DEMOUT
R1
R2
PC2OUT
SIGIN
PC3OUT
VCC
Phase Comparator Pulse Output
Phase Comparator 1 Output
Comparator Input
VCO Output
Inhibit Input
Capacitor C1 Connection A
Capacitor C1 Connection B
Ground (0 V) VSS
VCO Input
Demodulator Output
Resistor R1 Connection
Resistor R2 Connection
Phase Comparator 2 Output
Signal Input
Phase Comparator 3 Output
Positive Supply Voltage
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 1.5 to VCC + 1.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air
Plastic DIP†
SOIC Package†
750
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
Plastic DIP and SOIC Package†
260
_C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
†Derating — Plastic DIP: – 10 mW/
_C from 65_ to 125_C
SOIC Package: – 7 mW/
_C from 65_ to 125_C
For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
6.0
V
VCC
DC Supply Voltage (Referenced to GND) NON–VCO
2.0
6.0
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Pin 5)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
R2
PC2out
SIGin
PC3out
VCC
VCOin
DEMout
R1
VCOout
COMPin
PC1out
PCPout
GND
C1B
C1A
INH


Similar Part No. - MC74HC4046AFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4046AFEL ONSEMI-MC74HC4046AFEL Datasheet
166Kb / 18P
   Phase?묹ocked Loop
June, 2005 ??Rev. 8
MC74HC4046AFELG ONSEMI-MC74HC4046AFELG Datasheet
166Kb / 18P
   Phase?묹ocked Loop
June, 2005 ??Rev. 8
More results

Similar Description - MC74HC4046AFEL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com