Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4538AN Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC74HC4538AN
Description  Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4538AN Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC74HC4538AN Datasheet HTML 7Page - ON Semiconductor MC74HC4538AN Datasheet HTML 8Page - ON Semiconductor MC74HC4538AN Datasheet HTML 9Page - ON Semiconductor MC74HC4538AN Datasheet HTML 10Page - ON Semiconductor MC74HC4538AN Datasheet HTML 11Page - ON Semiconductor MC74HC4538AN Datasheet HTML 12Page - ON Semiconductor MC74HC4538AN Datasheet HTML 13Page - ON Semiconductor MC74HC4538AN Datasheet HTML 14Page - ON Semiconductor MC74HC4538AN Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC74HC4538A
http://onsemi.com
11
When Cx charges up to the reference voltage of the upper
reference circuit (#17), the output of the upper reference
circuit goes low (#18). This causes the output latch to toggle,
taking the Q output of the HC4538A to a low state (#19), and
completing the time–out cycle.
POWER–DOWN CONSIDERATIONS
Large values of Cx may cause problems when powering
down the HC4538A because of the amount of energy stored
in the capacitor. When a system containing this device is
powered down, the capacitor may discharge from VCC
through the input protection diodes at pin 2 or pin 14.
Current through the protection diodes must be limited to 30
mA; therefore, the turn–off time of the VCC power supply
must not be faster than t = VCC
Cx/(30 mA). For example,
if VCC = 5.0 V and Cx = 15 µF, the VCC supply must turn off
no faster than t = (5.0 V)
(15 µF)/30 mA = 2.5 ms. This is
usually not a problem because power supplies are heavily
filtered and cannot discharge at this rate.
When a more rapid decrease of VCC to zero volts occurs,
the HC4538A may sustain damage. To avoid this possibility,
use an external damping diode, Dx, connected as shown in
Figure 11. Best results can be achieved if diode Dx is chosen
to be a germanium or Schottky type diode able to withstand
large current surges.
RESET AND POWER ON RESET OPERATION
A low voltage applied to the Reset pin always forces the
Q output of the HC4538A to a low state.
The timing diagram illustrates the case in which reset
occurs (#20) while Cx is charging up toward the reference
voltage of the upper reference circuit (#21). When a reset
occurs, the output of the reset latch goes low (#22), turning
on transistor M1. Thus Cx is allowed to quickly charge up to
VCC (#23) to await the next trigger signal.
On power up of the HC4538A the power–on reset circuit
will be high causing a reset condition. This will prevent the
trigger–control circuit from accepting a trigger input during
this state. The HC4538A’s Q outputs are low and the Q not
outputs are high.
RETRIGGER OPERATION
When used in the retriggerable mode (Figure 12), the
HC4538A may be retriggered during timing out of the
output pulse at any time after the trigger–control circuit
flip–flop has been reset (#24), and the voltage across Cx is
above the lower reference voltage. As long as the Cx voltage
is below the lower reference voltage, the reset of the
flip–flop is high, disabling any trigger pulse. This prevents
M3 from turning on during this period resulting in an output
pulse width that is predictable.
The amount of undershoot voltage on RxCx during the
trigger mode is a function of loop delay, M3 conductivity,
and VDD. Minimum retrigger time, trr (Figure 7), is a
function of 1) time to discharge RxCx from VDD to lower
reference voltage (Tdischarge); 2) loop delay (Tdelay); 3)
time to charge RxCx from the undershoot voltage back to the
lower reference voltage (Tcharge).
Figure 13 shows the device configured in the
non–retriggerable mode.
For additional information, please see Application Note
(AN1558/D) titled Characterization of Retrigger Time in
the HC4538A Dual Precision Monostable Multivibrator.
DX
CX
VCC
Q
Q
RESET
A
B
Figure 13. Discharge Protection During Power Down
RX


Similar Part No. - MC74HC4538AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC4538AN MOTOROLA-MC74HC4538AN Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
logo
ON Semiconductor
MC74HC4538AN ONSEMI-MC74HC4538AN Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
MC74HC4538ANG ONSEMI-MC74HC4538ANG Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
More results

Similar Description - MC74HC4538AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com