Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4851A Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC74HC4851A
Description  Analog Multiplexers/Demultiplexers with Injection Current Effect Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4851A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC74HC4851A Datasheet HTML 4Page - ON Semiconductor MC74HC4851A Datasheet HTML 5Page - ON Semiconductor MC74HC4851A Datasheet HTML 6Page - ON Semiconductor MC74HC4851A Datasheet HTML 7Page - ON Semiconductor MC74HC4851A Datasheet HTML 8Page - ON Semiconductor MC74HC4851A Datasheet HTML 9Page - ON Semiconductor MC74HC4851A Datasheet HTML 10Page - ON Semiconductor MC74HC4851A Datasheet HTML 11Page - ON Semiconductor MC74HC4851A Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC74HC4851A, MC74HC4852A
http://onsemi.com
9
13
X0
14
X1
15
X2
12
X3
1
X4
5
X5
2
X6
4
X7
3
X
11
A
10
B
9
C
6
ENABLE
Figure 23. Diagram of Bipolar Coupling Mechanism
Appears if Vin exceeds VCC, driving injection current into the substrate
Figure 24. Function Diagram, HC4851A
+
+
+
P+
P+
N – Substrate (on VCC potential)
Gate = VCC
(Disabled)
Common Analog Output
Vout > VCC
Disabled Analog Mux Input
Vin > VCC + 0.7V
INJECTION
CURRENT
CONTROL
INJECTION
CURRENT
CONTROL
INJECTION
CURRENT
CONTROL
INJECTION
CURRENT
CONTROL
INJECTION
CURRENT
CONTROL
INJECTION
CURRENT
CONTROL
INJECTION
CURRENT
CONTROL
INJECTION
CURRENT
CONTROL
INJECTION
CURRENT
CONTROL


Similar Part No. - MC74HC4851A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
230Kb / 15P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
May, 2011 ??Rev. 9
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
210Kb / 16P
   Analog Multiplexers/ Demultiplexers
October, 2016 ??Rev. 21
MC74HC4851AD ONSEMI-MC74HC4851AD Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4851ADG ONSEMI-MC74HC4851ADG Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
More results

Similar Description - MC74HC4851A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4851A ONSEMI-MC74HC4851A_05 Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4851A ONSEMI-MC74HC4851A_11 Datasheet
230Kb / 15P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
May, 2011 ??Rev. 9
NLVHCT4851ADTR2G ONSEMI-NLVHCT4851ADTR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4851A ONSEMI-MC74HCT4851A Datasheet
205Kb / 13P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT4851ADTG ONSEMI-MC74HCT4851ADTG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com